Electronic Components Datasheet Search
  English  ▼

X  

P4532VG Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # P4532VG
Description  N- & P-Channel Enhancement Mode Field Effect Transistor(Preliminary)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4532VG Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  P4532VG Datasheet HTML 1Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 2Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 3Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 4Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 5Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 6Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 7Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
JUL-26-2004
N- & P-Channel Enhancement Mode
Field Effect Transistor(Preliminary)
P4532VG
SOP-8
Lead-Free
NIKO-SEM
P-CHANNEL
25° C
-V - Body Diode Forward Voltage(V)
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V
= 0V
1
10
100
GS
A
T = 125° C
1.0
0.8
1.2
-55° C
1.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com