Electronic Components Datasheet Search
  English  ▼

X  

P4532VG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P4532VG
Description  N- & P-Channel Enhancement Mode Field Effect Transistor(Preliminary)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4532VG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P4532VG Datasheet HTML 1Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 2Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 3Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 4Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 5Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 6Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 7Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
JUL-26-2004
N- & P-Channel Enhancement Mode
Field Effect Transistor(Preliminary)
P4532VG
SOP-8
Lead-Free
NIKO-SEM
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
N-Channel P-Channel UNITS
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±20
V
TC = 25 °C
4
-5
Continuous Drain Current
TC = 70 °C
ID
3
-4
Pulsed Drain Current
1
IDM
12
-20
A
TC = 25 °C
2
Power Dissipation
TC = 70 °C
PD
1.3
W
Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
RθJA
62.5
°C / W
1Pulse width limited by maximum junction temperature.
2Duty cycle ≤ 1%
ELECTRICAL CHARACTERISTICS (TC = 25 °C, Unless Otherwise Noted)
LIMITS
UNIT
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX
STATIC
VGS = 0V, ID = 250µA
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250µA
N-Ch
P-Ch
30
-30
VDS = VGS, ID = 250µA
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250µA
N-Ch
P-Ch
1
-1
1.5
-1.5
2.5
-2.5
V
G : GATE
D : DRAIN
S : SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
N-Channel
30
60mΩ
4A
P-Channel
-30
45mΩ
-5A


Similar Part No. - P4532VG

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P450-000 TRIPPLITE-P450-000 Datasheet
158Kb / 2P
Null Modem Serial DB9 Serial Modular Adapter Kit, 2x (DB9F to RJ45F)
P450-006 TRIPPLITE-P450-006 Datasheet
487Kb / 3P
Null Modem Serial RS232 Cable (DB9 F/F) 6-ft.
P450-010 TRIPPLITE-P450-010 Datasheet
162Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F/F), 10-ft.
P450000 TRIPPLITE-P450000 Datasheet
485Kb / 2P
Null Modem Serial DB9 Serial Modular Adapter Kit, 2x (DB9F to RJ45F)
P450006 TRIPPLITE-P450006 Datasheet
482Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 6-ft
More results

Similar Description - P4532VG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA102FM ETC1-PA102FM Datasheet
123Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor (Preliminary)
P01N02LJA ETC1-P01N02LJA Datasheet
110Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor(Preliminary)
P4404EDG ETC2-P4404EDG Datasheet
132Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor ( Preliminary )
P8503BMG ETC2-P8503BMG Datasheet
28Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor (Preliminary)
P6803NAG ETC2-P6803NAG Datasheet
127Kb / 8P
N- & P-Channel Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
P5506NV NIKOSEM-P5506NV Datasheet
340Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PA110NV NIKOSEM-PA110NV Datasheet
345Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PA500CA NIKOSEM-PA500CA Datasheet
319Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PD601CX NIKOSEM-PD601CX Datasheet
456Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PKC50DY NIKOSEM-PKC50DY Datasheet
284Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com