Electronic Components Datasheet Search
  English  ▼

X  

RC56LD Datasheet(PDF) 4 Page - Synaptics Incorporated.

Part # RC56LD
Description  Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56LD Datasheet(HTML) 4 Page - Synaptics Incorporated.

  RC56LD Datasheet HTML 1Page - Synaptics Incorporated. RC56LD Datasheet HTML 2Page - Synaptics Incorporated. RC56LD Datasheet HTML 3Page - Synaptics Incorporated. RC56LD Datasheet HTML 4Page - Synaptics Incorporated. RC56LD Datasheet HTML 5Page - Synaptics Incorporated. RC56LD Datasheet HTML 6Page - Synaptics Incorporated. RC56LD Datasheet HTML 7Page - Synaptics Incorporated. RC56LD Datasheet HTML 8Page - Synaptics Incorporated. RC56LD Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
5&/'5&/'DQG5&/'
,QWHJUDWHG9.IOH[99ELV0RGHP'HYLFH6HWV
4
Conexant
MD213
1156F1-1 BD-Ser
TELEPHONE
LINE/
TELEPHONE
HANDSET/
TELEPHONY
EXTENSIONS
AUDIO
INTERFACE
CIRCUIT
TELEPHONE
LINE
TEL HANDSET
MICROPHONE
HEADPHONE/
SPEAKER
SERIAL
DTE/
INDICATOR
INTERFACE
MODEM DEVICE SET
MICRO
CONTROLLER
UNIT
(MCU)
[L2701:
128-PIN TQFP]
MODEM
DATA PUMP
(MDP)
[R6785:
144-PIN TQFP]
OR
[R6764:
100-PIN PQFP]
RCDSVD
SPEECH
CODEC
PROCESSOR
(SCP)
[R6715-14:
100-PIN PQFP]
(OPTIONAL)
256 x 8
SERIAL
NVRAM
(OPTIONAL)
ROM/FLASH ROM
2M (256K x 8)
[RC56/RC336/RC144]
or 1M (128K x 8)
[RC336/RC144]
RAM
1M (128K x 8)
[RC56/RC336/RC144]
or 32K x 8*
[RC336/RC144]
* L2701 internal 32K x 8 RAM may alternatively be used.
)LJXUH  %ORFN 'LDJUDP  6HULDO '7( ,QWHUIDFH
1156F1-2 BD-Par
ANALOG
CELLULAR/
TELEPHONE
LINE/
TELEPHONE
HANDSET/
TELEPHONY
EXTENSIONS/
AUDIO
INTERFACE
CIRCUIT
TELEPHONE
LINE
TEL HANDSET
MICROPHONE
HEADPHONE/
SPEAKER
MODEM DEVICE SET
MICRO
CONTROLLER
UNIT
(MCU)
[L2701:
128-PIN TQFP]
GSM
PHONE
ANALOG
CELLULAR
PHONE
PARALLEL
HOST
BUS
INTERFACE
RCDSVD
SPEECH
CODEC
PROCESSOR
(SCP)*[R6715-14:
100-PIN PQFP]
(OPTIONAL)
MODEM
DATA PUMP
(MDP)
[R6785:
144-PIN TQFP]
OR
[R6764:
100-PIN PQFP]
256 x 8
SERIAL
NVRAM
(OPTIONAL)
* RCDSVD not supported in GSM mode.
** L2701 internal 32K x 8 RAM may alternatively be used.
*** For GSM, double the ROM size.
ROM/FLASH ROM***
2M (256K x 8)
[RC56/RC336/RC144]
or 1M (128K x 8)
[RC336/RC144]
RAM
1M (128K x 8)
[RC56/RC336/RC144]
or 32K x 8**
[RC336/RC144]
)LJXUH  %ORFN 'LDJUDP  3DUDOOHO +RVW ,QWHUIDFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com