Electronic Components Datasheet Search
  English  ▼

X  

RC56LD Datasheet(PDF) 8 Page - Synaptics Incorporated.

Part # RC56LD
Description  Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56LD Datasheet(HTML) 8 Page - Synaptics Incorporated.

Back Button RC56LD Datasheet HTML 4Page - Synaptics Incorporated. RC56LD Datasheet HTML 5Page - Synaptics Incorporated. RC56LD Datasheet HTML 6Page - Synaptics Incorporated. RC56LD Datasheet HTML 7Page - Synaptics Incorporated. RC56LD Datasheet HTML 8Page - Synaptics Incorporated. RC56LD Datasheet HTML 9Page - Synaptics Incorporated. RC56LD Datasheet HTML 10Page - Synaptics Incorporated. RC56LD Datasheet HTML 11Page - Synaptics Incorporated. RC56LD Datasheet HTML 12Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
5&/'5&/'DQG5&/'
,QWHJUDWHG9.IOH[99ELV0RGHP'HYLFH6HWV
8
Conexant
MD213
150 MHz Pentium or equivalent. The V.70 software
drivers require about 10% of the MIPS available in a
Pentium 150 MHz class PC. The host PC must supply full-
duplex sound support, typically to a microphone/speaker,
such as provided by Conexant WaveArtist devices or a
sound card. The modem is configured for host-based V.70
via AT commands, and, when using a TAPI-compliant
communication application, the V.70 software drivers will
automatically run upon a successful V.70 connection.
Sleep Mode
Sleep Mode is supported in the modem device set and the
RCDSVD SCP device.
GSM (Parallel Host or PC Card Interface)
GSM operation requires installation of 4M (RC56) or 2M
(RC336 or RC144) ROM. On-board DSVD is not available
when the 4M ROM is installed because MCU port PB5 is
used for address line A18 output rather than RCDSVD
SCP chip select output (~SVDSEL).
Features supported in GSM operation include:
• Data modem
− V.21, V.23, V.22, V.22 bis, V.32
− ISDN interoperability: 300 bps to 9600 bps
• Transparent asynchronous mode up to 9600 bps
• Non-transparent mode (RLP) up to 9600 bps
• Fax modem send and receive rate up to 9600 bps
• AT GSM commands (ETSI 07.07)
• GSM direct connect
• Firmware interface for OEM-provided phone driver
• Automatic GSM cable presence detection
• Built-in parallel host (16550A UART) interface
Modem Data Pump (MDP)
The data/fax/voice/speakerphone modem data pump
(MDP) is a Conexant R6785 packaged in a 144-pin TQFP
or a R6764 packaged in a 100-pin PQFP. The input clock
frequency is 28.224 MHz and is supplied by the MCU. An
internal phase locked loop (PLL) circuit supports 56.448
MHz internal operation. The operating voltage is +3.3V
supplied by the MCU with +5V tolerant inputs. The R6785
supports either +3.3V (~SET3V is tied to AGND) or +5V
(~SET3V pin is NC) analog signal interface; the R6764
supports +3.3V analog signal interface.
In V.90/K56flex data modem mode (RC56), the MDP can
receive data from a digital source using a V.90- or
K56flex-compatible central site modem at line speeds up
to 56 kbps. Asymmetrical data transmission supports
sending data at speeds up to V.34 rates.
In V.34 data modem mode (RC56 and RC335), the MDP
can operate in 2-wire, full-duplex,
synchronous/asynchronous modes at line rates up to 33.6
kbps. Using V.34 modulation to optimize modem
configuration for line conditions, the MDP can connect at
the highest data rate that the channel can support from
33.6 kbps to 300 bps with automatic fallback. Automode
operation in V.34 is provided in accordance with PN3320
and in V.32 bis in accordance with PN2330.
In V.32 bis mode, the MDP can operate at line speeds up
to 14.4 kbps.
In fax modem mode, the MDP supports Group 3 facsimile
send and receive speeds of speeds of 33600, 31200,
28800, 26400, 24000, 21600, 19200, 16800, 14400,
12000, 9600, 7200, 4800, and 2400 bps.
ADPCM voice processing is supported.
Downloading of MDP code from the MCU is supported.
Microcontroller (MCU/MCUP)
The MCU/MCUP is a Conexant 8-bit microcomputer with
pins to support serial DTE/parallel host bus/PC Card,
MDP, voice/TAM, speakerphone, and RCDSVD SCP
interface operation, depending upon model and installed
firmware. The operating voltage is +3.3V with +5V tolerant
inputs.
The MCU connects to the DTE/host via a V.24 (EIA/TIA-
232-E) serial DTE interface or a parallel host bus
depending on installed MCU firmware, whereas the
MCUP connects to a PC Card socket via built-in PC Card
interface. Unless otherwise stated, references to general
MCU functions also include the MCUP.
The MCU performs the command processing and host
interface functions. The crystal frequency is 28.224 MHz.
The MCU outputs a 28.224 MHz clock to the MDP
eliminating need for a separate MDP crystal circuit.
The MCU connects to the MDP via dedicated lines and
the external bus. The external bus also connects to OEM-
supplied RAM (if more than 32 kbytes are required), OEM-
supplied ROM/flash ROM, and to the optional RCDSVD
SCP. The MCU/MCUP provides 32 kbytes of internal RAM
that can be used instead of external RAM for 32-kbyte
RAM applications.
The MCU connects to an optional 256-byte or 2048-byte
serial EEPROM over a dedicated serial interface.
The MCU and MCUP are both packaged in a 128-pin
TQFP.
MCU Serial DTE or Parallel Host Interface
The MCU connects to the DTE/host via a V.24 (EIA/TIA-
232-E) serial DTE interface or a parallel host bus
depending on installed MCU firmware.
In parallel host interface, the MCU can also connect to a
PC Card connector using a Conexant PCMCIA Interface
Control Adapter (PICA) device (see data sheet Order No.
MD99) and a PCMCIA Card Information Structure (CIS)
memory device.
MCUP PC Card Interface
The MCUP incorporates a built-in PC Card interface and
CIS memory allowing the MCUP to directly connect to the
PC Card 68-pin socket without requiring external PICA
and CIS devices.
Two independent functions are supported, the modem
function and an optional user-defined Function 2. A Card
Option Configuration Register and a Configuration and
Status Register for each function allow independent
configuration/control and status reporting of the respective
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com