Electronic Components Datasheet Search
  English  ▼

X  

RC56LD Datasheet(PDF) 7 Page - Synaptics Incorporated.

Part # RC56LD
Description  Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56LD Datasheet(HTML) 7 Page - Synaptics Incorporated.

Back Button RC56LD Datasheet HTML 3Page - Synaptics Incorporated. RC56LD Datasheet HTML 4Page - Synaptics Incorporated. RC56LD Datasheet HTML 5Page - Synaptics Incorporated. RC56LD Datasheet HTML 6Page - Synaptics Incorporated. RC56LD Datasheet HTML 7Page - Synaptics Incorporated. RC56LD Datasheet HTML 8Page - Synaptics Incorporated. RC56LD Datasheet HTML 9Page - Synaptics Incorporated. RC56LD Datasheet HTML 10Page - Synaptics Incorporated. RC56LD Datasheet HTML 11Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
,QWHJUDWHG9.IOH[99ELV0RGHP'HYLFH6HWV
5&/'5&/'DQG5&/'
MD213
Conexant
7
In V.32 bis mode, the modem operates at line speeds up
to 14.4 kbps.
In fax modem mode, the modem can operate in 2-wire,
half-duplex, synchronous mode and can support Group 3
facsimile send and receive speeds of 33600, 31200,
28800, 26400, 24000, 21600, 19200, 16800, 14400,
12000, 9600, 7200, 4800, and 2400 bps. Using V.34
modulation to optimize modem configuration for line
conditions, the modem can connect at the highest data
rate that the channel can support at speeds up to 33.6
kbps with automatic rate adaption. Fax data transmission
and reception performed by the modem are controlled and
monitored through the EIA/TIA-578 Fax Class 1, T.31 Fax
Class 1.0, or Fax Class 2 command interface. Full HDLC
formatting, zero insertion/deletion, and CRC
generation/checking are provided.
Both transmit and receive fax data are buffered within the
modem. Data transfer to and from the DTE is flow
controlled by XON/XOFF and RTS/CTS.
Synchronous Access Mode (SAM)
V.80 synchronous access mode between the modem and
the host/DTE is provided for host-based communication
protocols, e.g., H.324 video conferencing applications.
Voice-call-first (VCF) before switching to a videophone
call is also supported.
World Class Operation
W-class functions support modem operation in multiple
countries. Additional modem functions are provided in
areas such as dialing, carrier transmit level, calling tone,
call progress tone detection, answer tone detection,
blacklisting, and relay control. Country dependent
parameters are programmable by ConfigurACE II for
Windows.
Voice/TAM Mode
Voice/TAM Mode features include enhanced ADPCM
compression/decompression, tone detection/generation
and call discrimination, concurrent DTMF detection, and
8-bit monophonic audio data encoding.
Voice/TAM Mode is supported by three submodes:
1.
Online Voice Command Mode supports connection to
the telephone line or, for SP models, a handset.
2.
Voice Receive Mode supports recording voice or
audio data input at the RIN pin, typically from the
telephone line or, for SP models, a
microphone/handset.
3.
Voice Transmit Mode supports playback of voice or
audio data to the TXA1/TXA2 output, typically to the
telephone line or, for SP models, a speaker/handset.
Telephony Extension Operation
Extension pickup/remote hangup detection and line-in-use
detection are supported in serial DTE models optionally
(in lieu of cellular/GSM support) in parallel host models.
Speakerphone Mode (SP Models)
The speakerphone mode features an advanced
proprietary speakerphone algorithm which supports full-
duplex voice conversation with both acoustic and line
echo cancellation. Parameters are constantly adjusted to
maintain stability with automatic fallback from full-duplex
to pseudo-duplex operation. The speakerphone algorithm
allows position independent placement of microphone and
speaker.
The speakerphone mode provides hands-free full-duplex
telephone operation under host control. The host can
separately control volume, muting, and AGC in
microphone and speaker channels.
AudioSpan Mode (SP Models)
AudioSpan provides full-duplex analog simultaneous
audio/voice and data over a telephone line at a data rate
of 4800 bps with audio using V.61 modulation. AudioSpan
can send any type of audio waveform, including music.
Data can be sent with or without error correction. The
audio/voice interface can be in the form of a headset,
handset, or a microphone and speaker. Handset echo
cancellation is provided.
DSVD Mode using RCDSVD SCP Device (SP Models)
On-board DSVD operation requires installation of the
optional RCDSVD SCP (R6715-14). GSM operation is not
available when the RCDSVD SCP is connected because
MCU port PB5 is used for SCP chip select output
(~SVDSEL) rather than address line A18 output which is
needed to support the 4M ROM.
DSVD provides full-duplex digital simultaneous voice and
data over a single telephone line. DSVD uses codecs in
the RCDSVD SCP to code (compress) analog speech
signal on the RCDSVD LINEIN pin or MICIN pin for
passing to the modem controller in digitized form, and to
decode (decompress) coded speech received from the
modem controller for routing to the RCDSVD LINEOUT
pin or SPKP/SPKN pins in analog form.
DSVD operates in accordance with ITU-T interoperable
G.729 and G.729 Annex A with interoperable G.729
Annex B. Voice activity detection supports speech coding
at average bit rate significantly lower than 8.0 kbps.
DSVD decoder timing recovery algorithm compensates for
clock skew, asynchronous host-to-decoder data transfer
delay, intervening variable length data block transmission
delay, and loss of encoded speech data.
The voice interface can be in the form of a headset,
handset or a microphone and speaker (half-duplex
speakerphone). Handset echo cancellation supports
handset use through a hybrid.
In Handset Mode, the RCDSVD SCP interfaces to the
telephone interface circuit using the Line Input (LINEIN)
and Line Out (LINEOUT) lines. In Headset or
Speakerphone Mode, the RCDSVD SCP interfaces to the
audio interface circuit using the Microphone Input (MICIN)
and Speaker out (SPKR) lines.
Host-Based DSVD
All modem models support host-based ITU-T V.70 DSVD.
The RCDSVD SCP (R6715) is not required. V.70 software
drivers for Windows 95 are provided which support a
speech/audio bit rate of significantly less than 8.0 kbps by
implementing interoperable G.729 and G.729 Annex A
with interoperable G.729 Annex B. The minimum PC
performance recommended for host-based DSVD is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com