Electronic Components Datasheet Search
  English  ▼

X  

RC56LD Datasheet(PDF) 9 Page - Synaptics Incorporated.

Part # RC56LD
Description  Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56LD Datasheet(HTML) 9 Page - Synaptics Incorporated.

Back Button RC56LD Datasheet HTML 5Page - Synaptics Incorporated. RC56LD Datasheet HTML 6Page - Synaptics Incorporated. RC56LD Datasheet HTML 7Page - Synaptics Incorporated. RC56LD Datasheet HTML 8Page - Synaptics Incorporated. RC56LD Datasheet HTML 9Page - Synaptics Incorporated. RC56LD Datasheet HTML 10Page - Synaptics Incorporated. RC56LD Datasheet HTML 11Page - Synaptics Incorporated. RC56LD Datasheet HTML 12Page - Synaptics Incorporated. RC56LD Datasheet HTML 13Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
,QWHJUDWHG9.IOH[99ELV0RGHP'HYLFH6HWV
5&/'5&/'DQG5&/'
MD213
Conexant
9
The MCUP PC Card interface features include:
• PC Card interface logic and memory
− Internal 512-byte Card Information Structure (CIS)
provides the tuple information needed to define the PC
Card functionality.
− CIS Table is configurable from ROM/flash memory
(default) or from NVRAM (option)
− Address decode logic
• Modem Function
− Decoding for standard COM ports in Overlapping I/O
Address Mode
− Independent I/O Address Mode support
− Power-down mode control
− Digital speaker pass-through
− Supports two ring handling methods
− Ring Indicate pass-through to Status Change
− Six 8-bit Modem Function Card Configuration
Registers
Configuration Option Register (full support)
Configuration and Status Register (full support)
Pin Replacement Register (CREADY and RREADY)
Extended Status Register (RIEvt and RIEnab)
I/O Base Register 0
I/O Base Register 1
• Optional User-defined Function 2
− Reset and chip select control
− Power-down mode control
− 16-bit data transfer control
− Disable EEPROM control
− Interrupt request pass through
− Four 8-bit Card Configuration Registers
Configuration Option Register (full support)
Configuration and Status Register (full support)
I/O Base Register 0
I/O Base Register 1
RCDSVD Speech Codec Processor (SCP) (Optional)
The RCDSVD SCP (R6715-14), required for on-board
DSVD operation, is packaged in a 100-pin PQFP. The
56.448 MHz crystal frequency is supplied by the MDP
XCLK output.
MCU Firmware
MCU firmware performs processing of general modem
control, command sets, data modem, error correction and
data compression (ECC), fax class 1, fax class 2, DSVD,
AudioSpan, voice/audio/TAM/speakerphone, W-class,
V.80, analog cellular, GSM, and serial DTE/parallel
host/PC Card interface functions according to modem
models (Table 1).
Configurations of the modem firmware are provided to
support parallel host bus interface (MCU only), serial DTE
interface (MCU only) or PC Card interface (MCUP only)
operation.
The modem firmware is provided in object code form for
the OEM to program into external ROM/flash ROM. The
modem firmware may also be provided in source code
form under a source code addendum license agreement.
Supported Interfaces
The major hardware signal interfaces of the modem
device set are identified in Figure 1 (serial DTE interface),
Figure 2 (parallel host interface), and Figure 3 (PC Card
interface).
Serial DTE Interface and Indicator Outputs (MCU Only)
A V.24/EIA/TIA-232-E logic-compatible serial DTE
interface is selected when the Parallel/Serial Interface
(PARIF) input is low. One serial transmit data input line
(~TXD), one serial receive data output line (~RXD), three
synchronous clocks (~XTCLK, ~RXCLK, and ~TXCLK),
four control input lines (~DTR, ~RTS, ~RDL, and ~AL),
and six status output lines (~CTS, ~DSR, ~RLSD, ~TM,
~RI, and ~DRSOUT) are supported.
Three dedicated indicator output lines (~DTRIND,
~TMIND, and ~AAIND) are also provided.
Parallel Host Bus Interface (MCU Only)
A 16550A UART-compatible parallel host bus interface is
selected when the Parallel/Serial Interface (PARIF) input
is high. The interface signals are: eight bidirectional data
lines (HD0-HD7), three address input lines (HA0-HA2),
three control input lines (~HCS, ~HRD, and ~HWT), one
status output line (HINT), and a reset input line (-RESET).
In addition, a 512-byte fax data buffer is used to provide
reliable performance in a multi-tasking environment.
PC Card Interface (MCUP Only)
The built-in PC Card interface and CIS memory allows the
MCUP to connect directly to the PC Card connector
without requiring external PICA and CIS devices. Interface
to two functions, the modem and a user-defined Function
2, are supported.
NVRAM (Serial EEPROM) Interface
A 2-line serial interface to non-volatile RAM (NVRAM, i.e.,
serial EEPROM) is supported. The interface signals are a
bidirectional data line (NVMDATA) and a clock output line
(NVMCLK). Data stored in NVRAM can take precedence
over the factory default settings. A 256-byte NVRAM can
store up to two user-selectable configurations and up to
four 32-digit dial strings for PSTN/GSTN or GSM
operation.
When the MCUP is used, a 2048-byte NVRAM can also
store the 512-byte CIS table (optional).
External Bus Interface
The non-multiplexed external bus supports eight
bidirectional data lines (D0-D7) and 19 address output
lines (A0-A18). Read enable output (~READ), write
enable output (~WRITE), and four chip select output
(~ROMSEL, ~RAMSEL, ~DPSEL, and ~SCPSEL) lines
are also supported. Address line A18 and ~SCPSEL
share the same pin; A18 is used when a 4M ROM is
installed for GSM operation, and ~SVDSEL is used when
an RCDSVD SCP is installed for on-board DSVD
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com