Electronic Components Datasheet Search
  English  ▼

X  

TC237B Datasheet(PDF) 9 Page - Texas Instruments

Part # TC237B
Description  680-횞500-PIXEL CCD IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC237B Datasheet(HTML) 9 Page - Texas Instruments

Back Button TC237B Datasheet HTML 5Page - Texas Instruments TC237B Datasheet HTML 6Page - Texas Instruments TC237B Datasheet HTML 7Page - Texas Instruments TC237B Datasheet HTML 8Page - Texas Instruments TC237B Datasheet HTML 9Page - Texas Instruments TC237B Datasheet HTML 10Page - Texas Instruments TC237B Datasheet HTML 11Page - Texas Instruments TC237B Datasheet HTML 12Page - Texas Instruments TC237B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TC237B
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS063 – APRIL 2001
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
serial registers
The storage area gate and serial gate(s) are used to transfer charge line-by-line from the storage area into the
serial register(s). Depending on the readout mode, one or both serial registers are used. If both are used, the
registers are read out in parallel.
readout and video processing
After transfer into the serial register(s), the pixels are clocked out and sensed by a charge detection node. The
node must be reset to a reference level before the next pixel is placed onto it. The timing for the serial-register
readout, which includes the external pixel clamp and sample-and-hold signals needed to implement correlated
double sampling, is shown in Figure 7. As charge is transferred onto the detection node, the potential of the node
changes in proportion to the amount of the charge received. The change is sensed by an MOS transistor; after
proper buffering, the signal is supplied to the output terminal of the image sensor. Figure 8 shows the circuit
diagram of the charge detection node and output amplifier. The detection nodes and amplifiers are placed a
short distance from the edge of the storage area; therefore, each serial register contains 4 dummy elements
that are used to span the distance between the serial registers and the amplifiers.
OUT
RST
SRG
S/H
PCMP
Figure 7. Serial Readout and Video-Processing Timing
VOUT
ADB
VREF
Reset
CCD Channel
QR
Q1
Q2
Figure 8. Output Amplifier and Charge Detection Node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com