Electronic Components Datasheet Search
  English  ▼

X  

TC237B Datasheet(PDF) 11 Page - Texas Instruments

Part # TC237B
Description  680-횞500-PIXEL CCD IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC237B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TC237B Datasheet HTML 7Page - Texas Instruments TC237B Datasheet HTML 8Page - Texas Instruments TC237B Datasheet HTML 9Page - Texas Instruments TC237B Datasheet HTML 10Page - Texas Instruments TC237B Datasheet HTML 11Page - Texas Instruments TC237B Datasheet HTML 12Page - Texas Instruments TC237B Datasheet HTML 13Page - Texas Instruments TC237B Datasheet HTML 14Page - Texas Instruments TC237B Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TC237B
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS063 – APRIL 2001
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
MIN
TYP†
MAX
UNIT
Dynamic range (see Note 2)
With CDS‡§
64
dB
Dynamic range (see Note 2)
Without CDS‡§
58
59
dB
Charge conversion factor
13
µV/e
Charge transfer efficiency (see Note 3)
0.9999
0.99995
1
Signal response delay time,
τ (see Note 4)
12.5
ns
Gamma (see Note 5)
1
Output resistance
300
400
500
Ω
Amplifier noise equivalent signal
With CDS‡
15
18
21
electrons
Amplifier noise equivalent signal
Without CDS‡
30
36
42
electrons
ADB (see Note 6)
20
Rejection ratio
SRG (see Note 7)
45
dB
Rejection ratio
ODB (see Note 8)
25
dB
Supply current
5
10
mA
IAG1, IAG2
2000
Input capacitance C
SRG
70
pF
Input capacitance, Ci
RST
10
pF
SAG
4000
† All typical values are at TA = 25°C.
‡ CDS = Correlated double sampling, a signal-processing technique that improves noise performance by subtraction of reset noise.
§ Performance depends on the particular implementation of the CDS technique and on the selected filter bandwidth that precedes sampling.
NOTES:
2. Dynamic range is – 20 times the logarithm of the mean-noise signal divided by the saturation output signal.
3. Charge transfer efficiency is one minus the charge loss per transfer in the output register. The test is performed in the dark using
an electrical input signal.
4. Signal response delay time is the time between the falling edge of the SRG pulse and the output signal valid state.
5. Gamma (
γ) is the value of the exponent in the equation below for two points on the linear portion of the transfer function curve (this
value represents points near saturation).
Exposure (2)
Exposure (1)
g
+
Output signal (2)
Output signal (1)
6. ADB rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at ADB.
7. SRG rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at SRG.
8. ODB rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at ODB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com