Electronic Components Datasheet Search
  English  ▼

X  

CS5464 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5464 Datasheet HTML 1Page - Cirrus Logic CS5464 Datasheet HTML 2Page - Cirrus Logic CS5464 Datasheet HTML 3Page - Cirrus Logic CS5464 Datasheet HTML 4Page - Cirrus Logic CS5464 Datasheet HTML 5Page - Cirrus Logic CS5464 Datasheet HTML 6Page - Cirrus Logic CS5464 Datasheet HTML 7Page - Cirrus Logic CS5464 Datasheet HTML 8Page - Cirrus Logic CS5464 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
CS5464
DS682PP1
5
1. OVERVIEW
The CS5464 is a CMOS monolithic power measurement device with a computation engine and an ener-
gy-to-frequency pulse output. The CS5464 combines two programmable gain amplifiers, three
∆Σ ana-
log-to-digital converters (ADCs), system calibration, and a computation engine on a single chip.
The CS5464 is designed for power measurement applications and is optimized to interface to a cur-
rent-sense resistor or transformer for current measurement, and to a resistive divider or potential trans-
former for voltage measurement. The current channels provide programmable gains to accommodate
various input levels from a multitude of sensing elements. The second current channel is designated for
tamper detection support in applications where required. With a single +5 V supply on VA+/AGND, the
CS5464’s three input channels can accommodate common mode plus signal levels between
(AGND - 0.25 V) and VA+.
The CS5464 also is equipped with a computation engine that calculates instantaneous power, IRMS,
VRMS, apparent power, active (real) power, reactive power, and power factor. Additional features of the
CS5464 include line frequency, current and voltage sag detection, zero-cross detection, positive-only ac-
cumulation mode, and three programmable pulse output pins. To facilitate communication to a micropro-
cessor, the CS5464 includes a simple three-wire serial interface which is SPI™ and Microwire™
compatible. The CS5464 provides three outputs for energy registration. Pins E1, E2, and E3 are designed
to interface to a microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com