Electronic Components Datasheet Search
  English  ▼

X  

CS5464 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 2Page - Cirrus Logic CS5464 Datasheet HTML 3Page - Cirrus Logic CS5464 Datasheet HTML 4Page - Cirrus Logic CS5464 Datasheet HTML 5Page - Cirrus Logic CS5464 Datasheet HTML 6Page - Cirrus Logic CS5464 Datasheet HTML 7Page - Cirrus Logic CS5464 Datasheet HTML 8Page - Cirrus Logic CS5464 Datasheet HTML 9Page - Cirrus Logic CS5464 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
CS5464
6
DS682PP1
2. PIN DESCRIPTION
Clock Generator
Crystal Out
Crystal In
1,28
XOUT, XIN - The output and input of an inverting amplifier. Oscillation occurs when connected to
a crystal, providing an on-chip system clock. Alternatively, an external clock can be supplied to
the XIN pin to provide the system clock for the device.
CPU Clock Output
2
CPUCLK - Output of on-chip oscillator which can drive one standard CMOS load.
Control Pins and Serial Data I/O
Serial Clock Input
5
SCLK - A Schmitt Trigger input pin. Clocks data from the SDI pin into the receive buffer and out of
the transmit buffer onto the SDO pin when CS is low.
Serial Data Output
6
SDO -Serial port data output pin.SDO is forced into a high impedance state when CS is high.
Chip Select
7
CS - Low, activates the serial port interface.
Mode Select
8
MODE - High, enables the “auto-boot” mode. The mode pin is pull-down by an internal resistor.
Energy Output
22, 25,
26
E3, E1, E2 - Active low pulses with an output frequency proportional to energy.
Reset
23
RESET - A Schmitt Trigger input pin. Low activates Reset, all internal registers (some of which
drive output pins) are set to their default states.
Interrupt
24
INT - Low, indicates that an enabled event has occurred.
Serial Data Input
27
SDI - Serial port data input pin. Data will be input at a rate determined by SCLK.
Analog Inputs/Outputs
Differential Voltage Inputs
9,10
VIN+, VIN- - Differential analog input pins for the voltage channel.
Differential Current Inputs
19,20,
15,16
IIN+, IIN-, IIN2+, IIN2- - Differential analog input pins for the current channel.
Voltage Reference Output
11
VREFOUT - The on-chip voltage reference output. The voltage reference has a nominal magni-
tude of 2.5 V and is referenced to the AGND pin on the converter.
Voltage Reference Input
12
VREFIN - The input to this pin establishes the voltage reference for the on-chip modulator.
Power Supply Connections
Positive Digital Supply
3
VD+ - The positive digital supply.
Digital Ground
4
DGND - Digital Ground.
Positive Analog Supply
18
VA+ - The positive analog supply.
Analog Ground
17
AGND - Analog ground.
Power Fail Monitor
21
PFMON - The power fail monitor pin monitors the analog supply. If PFMON’s voltage threshold is
tripped, a Low-Supply Detect (LSD) event is set in the status register.
Test Connections
Factory Test
13,14
TEST1, TEST2 - Factory use only. Connect to AGND.
VREFIN
12
Voltage Reference Input
VREFOUT
11
Voltage Reference Output
VIN-
10
Differential Voltage Input
VIN+
9
Differential Voltage Input
MODE
8
Mode Select
CS
7
Chip Select
SDO
6
Serial Data Ouput
SCLK
5
Serial Clock
DGND
4
Digital Ground
VD+
3
Positive Digital Supply
CPUCLK
2
CPU Clock Output
XOUT
1
Crystal Out
AGND
17
Analog Ground
VA+
18
Positive Analog Supply
IIN-
19
Differential Current Input
IIN+
20
Differential Current Input
PFMON
21
Power Fail Monitor
E3
22
Energy Output 3
RESET
23
Reset
INT
24
Interrupt
E1
25
Energy Output 1
26
SDI
27
Serial Data Input
XIN
28
Crystal In
E2
Energy Output 2
TEST2
14
Factory Test
TEST1
13
Factory Test
IIN2-
15
Differential Current Input
IIN2+
16
Differential Current Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com