Electronic Components Datasheet Search
  English  ▼

X  

CS42888 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS42888
Description  108 dB, 192 kHz 4-In, 8-Out CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42888 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS42888 Datasheet HTML 2Page - Cirrus Logic CS42888 Datasheet HTML 3Page - Cirrus Logic CS42888 Datasheet HTML 4Page - Cirrus Logic CS42888 Datasheet HTML 5Page - Cirrus Logic CS42888 Datasheet HTML 6Page - Cirrus Logic CS42888 Datasheet HTML 7Page - Cirrus Logic CS42888 Datasheet HTML 8Page - Cirrus Logic CS42888 Datasheet HTML 9Page - Cirrus Logic CS42888 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
6
DS717F1
CS42888
1. PIN DESCRIPTIONS
Pin Name
#
Pin Description
AD0/CS
1
Address Bit [0]/ Chip Select (Input) - Chip address bit in I²C Mode. Control signal used to
select the chip in SPI Mode.
AD1/CDIN
2
Address Bit [1]/ SPI Data Input (Input) - Chip address bit in I²C Mode. Input for SPI data.
RST
3
Reset (Input) - The device enters a low power mode and all internal registers are reset to their
default settings when low.
VLC
4
Control Port Power (Input) - Determines the required signal level for the control port. See “Dig-
ital I/O Pin Characteristics” on page 8.
ADC_LRCK
5
ADC Left/Right Clock (Input/Output) - Determines which channel, Left or Right, is currently
active on the ADC serial audio data line. Signals the start of a new TDM frame in the TDM digital
interface format.
VD
6, 24
Digital Power (Input) - Positive terminal of the power supply for the digital section.
DGND
7, 23 62 Digital Ground (Input) - Ground terminal of the power supply for the digital section.
VLS
8
Serial Port Interface Power (Input) - Determines the required signal level for the serial inter-
faces. See “Digital I/O Pin Characteristics” on page 8.
ADC_SCLK
9
ADC Serial Clock (Input/Output) - Serial clock for the ADC serial audio interface. Input fre-
quency must be 256xFs in the TDM digital interface format.
MCLK
10
Master Clock (Input) - Clock source for the delta-sigma modulators and digital filters.
TSTO
11
Test Out - This pin is an output used for test purposes only. This pin must be not be connected
to any external trace or other connection.
ADC_SDOUT1
ADC_SDOUT2
13
12
Serial Audio Data Output (Output) - Outputs for two’s complement serial audio data.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
ADC_SCLK
ADC_LRCK
VLC
AD1/CDIN
VQ
VLS
MCLK
DAC_SDIN4
DAC_SDIN3
DAC_SDIN2
AIN1-
AIN1+
MUTEC
AOUT7+
AOUT7-
AOUT6-
AOUT6+
AOUT5+
AOUT5-
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
AGND
VA
AOUT8-
AOUT8+
RST
TSTO
ADC_SDOUT2
ADC_SDOUT1
AD0/CS
VD
DGND
AIN2-
AIN2+
42888



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com