Electronic Components Datasheet Search
  English  ▼

X  

CS42888 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS42888
Description  108 dB, 192 kHz 4-In, 8-Out CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42888 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS42888 Datasheet HTML 28Page - Cirrus Logic CS42888 Datasheet HTML 29Page - Cirrus Logic CS42888 Datasheet HTML 30Page - Cirrus Logic CS42888 Datasheet HTML 31Page - Cirrus Logic CS42888 Datasheet HTML 32Page - Cirrus Logic CS42888 Datasheet HTML 33Page - Cirrus Logic CS42888 Datasheet HTML 34Page - Cirrus Logic CS42888 Datasheet HTML 35Page - Cirrus Logic CS42888 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
32
DS717F1
CS42888
4.5.5
OLM #2
OLM #2 serial audio interface format operates in Single- or Double-Speed Mode and will master or slave
ADC/DAC_SCLK at 256Fs.
4.5.6
TDM
TDM data is received most significant bit (MSB) first, on the second rising edge of the DAC_SCLK occur-
ring after a DAC_LRCK rising edge. All data is valid on the rising edge of DAC_SCLK. The AIN1 MSB is
transmitted early, but is guaranteed valid for a specified time after SCLK rises. All other bits are transmit-
ted on the falling edge of ADC_SCLK. Each time slot is 32 bits wide, with the valid data sample left ‘jus-
tified within the time slot. Valid data lengths are 16, 18, 20, or 24.
ADC/DAC_SCLK must operate at 256Fs. ADC/DAC_LRCK identifies the start of a new frame and is equal
to the sample rate, Fs.
ADC/DAC_LRCK is sampled as valid on the rising ADC/DAC_SCLK edge preceding the most significant
bit of the first data sample and must be held valid for at least 1 ADC/DAC_SCLK period.
Note:
The ADC does not meet the timing requirements for proper operation in Quad-Speed Mode.
ADC/DAC_LRCK
ADC/DAC_SCLK
LSB
MSB
24 clks
128 clks
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
MSB
24 clks
24 clks
24 clks
24 clks
24 clks
Left Channel
Right Channel
24 clks
AIN1
24 clks
24 clks
24 clks
24 clks
24 clks
ADC_SDOUT1
DAC_SDIN1
24 clks
AOUT7
AOUT1
AOUT3
AOUT5
AOUT2
AOUT4
AOUT6
24 clks
AOUT8
DAC_SDIN4
AIN3
-
AIN2
AIN4
-
128 clks
Figure 18. One-Line Mode #2 Format
AOUT6
ADC/DAC_SCLK
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
DAC_SDIN1
AOUT1
AOUT4
AOUT2
AOUT5
AOUT3
32 clks
32 clks
32 clks
32 clks
32 clks
32 clks
AOUT8
LSB
MSB
LSB
MSB
AOUT7
32 clks
32 clks
ADC/DAC_LRCK
256 clks
MSB
Bit or Word Wide
LSB
-
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
ADC_SDOUT1
AIN1
AIN4
AIN2
-
AIN3
32 clks
32 clks
32 clks
32 clks
32 clks
32 clks
AUX2
LSB
MSB
LSB
MSB
AUX1
32 clks
32 clks
MSB
Figure 19. TDM Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com