Electronic Components Datasheet Search
  English  ▼

X  

CS42888 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS42888
Description  108 dB, 192 kHz 4-In, 8-Out CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42888 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS42888 Datasheet HTML 21Page - Cirrus Logic CS42888 Datasheet HTML 22Page - Cirrus Logic CS42888 Datasheet HTML 23Page - Cirrus Logic CS42888 Datasheet HTML 24Page - Cirrus Logic CS42888 Datasheet HTML 25Page - Cirrus Logic CS42888 Datasheet HTML 26Page - Cirrus Logic CS42888 Datasheet HTML 27Page - Cirrus Logic CS42888 Datasheet HTML 28Page - Cirrus Logic CS42888 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
DS717F1
25
CS42888
The ADC output data is in 2’s complement binary format. For inputs above positive full scale or below neg-
ative full scale, the ADC will output 7FFFFFH or 800000H, respectively, and cause the ADC Overflow bit
in the register “Status (Address 19h) (Read Only)” on page 49 to be set to a ‘1’.
4.2.2
High-Pass Filter and DC Offset Calibration
The high-pass filter continuously subtracts a measure of the DC offset from the output of the decimation
filter. If the high-pass filter is disabled during normal operation, the current value of the DC offset for the
corresponding channel is frozen and this DC offset will continue to be subtracted from the conversion re-
sult. This feature makes it possible to perform a system DC offset calibration by:
1.
Running the CS42888 with the high-pass filter enabled until the filter settles. See the Digital Filter
Characteristics for filter settling time.
Disabling the high-pass filter and freezing the stored DC offset.The high-pass filter for ADC1/ADC2 can
be enabled and disabled. The high-pass filters are controlled using the HPF_FREEZE bit in the register
“ADC Control & DAC De-Emphasis (Address 05h)” on page 44.
4.3
Analog Outputs
4.3.1
Initialization
The initialization and Power-Down sequence flow chart is shown in Figure 11 on page 26. The CS42888
enters a power-down state upon initial power-up. The interpolation and decimation filters, delta-sigma
modulators and control port registers are reset. The internal voltage reference, multi-bit digital-to-analog
and analog-to-digital converters and switched-capacitor low-pass filters are powered down.
The device remains in the power-down state until the RST pin is brought high. The control port is acces-
sible once RST is high, and the desired register settings can be loaded per the interface descriptions in
the “Control Port Description and Timing” on page 33.
Once MCLK is valid, VQ will ramp up to VA/2, and the internal voltage references, FILT+_ADC and
FILT+_DAC, will begin powering up to normal operation. Power is applied to the D/A converters and
switched-capacitor filters, and the analog outputs are clamped to the quiescent voltage, VQ. Once LRCK is
valid, MCLK occurrences are counted over one LRCK period to determine the MCLK/LRCK frequency ra-
tio. After an approximate 2000 sample period delay, normal operation begins.
Full-Scale Differential Input Level =
(AINx+) - (AINx-) = 5.6 VPP = 1.98 VRMS
AINx+
AINx-
3.9 V
2.5 V
1.1 V
5.0 V
3.9 V
2.5 V
1.1 V
VA
Figure 10. Full-Scale Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com