Electronic Components Datasheet Search
  English  ▼

X  

CS42888 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42888
Description  108 dB, 192 kHz 4-In, 8-Out CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42888 Datasheet(HTML) 1 Page - Cirrus Logic

  CS42888 Datasheet HTML 1Page - Cirrus Logic CS42888 Datasheet HTML 2Page - Cirrus Logic CS42888 Datasheet HTML 3Page - Cirrus Logic CS42888 Datasheet HTML 4Page - Cirrus Logic CS42888 Datasheet HTML 5Page - Cirrus Logic CS42888 Datasheet HTML 6Page - Cirrus Logic CS42888 Datasheet HTML 7Page - Cirrus Logic CS42888 Datasheet HTML 8Page - Cirrus Logic CS42888 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
AUGUST '06
DS717F1
108 dB, 192 kHz 4-In, 8-Out CODEC
FEATURES
Four 24-bit A/D, Eight 24-bit D/A Converters
ADC Dynamic Range
–
105 dB Differential
–
102 dB Single-Ended
DAC Dynamic Range
–
108 dB Differential
–
105 dB Single-Ended
ADC/DAC THD+N
–
-98 dB Differential
–
-95 dB Single-Ended
Compatible with Industry-Standard Time
Division Multiplexed (TDM) Serial Interface
System Sampling Rates up to 192 kHz
Programmable ADC High-Pass Filter for DC
Offset Calibration
Logarithmic Digital Volume Control
I²C® & SPI™ Host Control Port
Supports Logic Levels Between 5 V and 1.8 V
Popguard® Technology
GENERAL DESCRIPTION
The CS42888 CODEC provides four multi-bit analog-to-
digital and eight multi-bit digital-to-analog delta-sigma
converters. The CODEC is capable of operation with ei-
ther differential or single-ended inputs and outputs, in a
64-pin LQFP package.
Four
fully differential, or single-ended, inputs are avail-
able on stereo ADC1 and ADC2. Digital volume control
is provided for each ADC channel, with selectable over-
flow detection.
All eight DAC channels provide digital volume control
and can operate with differential or single-ended
outputs.
An auxiliary serial input is available for an additional two
channels of PCM data.
The CS42888 is available in a 64-pin LQFP package in
Commercial (-10° to +70°) and Automotive (-40° to
+105°) grades. The CDB42888 Customer Demonstra-
tion board is also available for device evaluation and
implementation suggestions. Please refer to “Ordering
Information”
on
page 61
for
complete
ordering
information.
The CS42888 is ideal for audio systems requiring wide
dynamic range, negligible distortion and low noise, such
as A/V receivers, DVD receivers, and automotive audio
systems.
Control Port & Serial
Audio Port Supply =
1.8 V to 5 V
Mute
Control
External
Mute Control
Register
Configuration
Internal Voltage
Reference
Reset
Serial Audio
Input
Digital Supply =
3.3 V to 5 V
Analog Supply =
3.3 V to 5 V
Input Master
Clock
Serial Audio
Output
Multibit
Oversampling
ADC1
High Pass
Filter
Differential or Single-
Ended Analog Inputs
2
Digital
Filters
2
Multibit
Oversampling
ADC2
High Pass
Filter
2
Digital
Filters
2
Auxilliary Serial
Audio Input
Differential or
Single-Ended
Outputs
Interrupt
ADC Overflow
& Clock Error
Interrupt
I
2C/SPI
Software Mode
Control Data
Volume
Controls
Digital
Filters
8
Multibit
DAC1-4 and
Analog Filters
8
∆Σ
Modulators
CS42888


Similar Part No. - CS42888

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42888 CIRRUS-CS42888 Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-CQZ CIRRUS-CS42888-CQZ Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-CQZR CIRRUS-CS42888-CQZR Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-DQZ CIRRUS-CS42888-DQZ Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-DQZR CIRRUS-CS42888-DQZR Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
More results

Similar Description - CS42888

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42438 CIRRUS-CS42438 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
108 dB, 192 kHz 6-in, 8-out CODEC
CS42435 CIRRUS-CS42435 Datasheet
1Mb / 58P
108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42432 CIRRUS-CS42432_06 Datasheet
1Mb / 59P
108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42438 CIRRUS-CS42438_06 Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42448 CIRRUS-CS42448_06 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-In, 8-Out CODEC
CS42435 CIRRUS-CS42435_07 Datasheet
1Mb / 57P
108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42438 CIRRUS-CS42438_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 8-Out TDM CODEC
CS42448 CIRRUS-CS42448_07 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-In, 8-Out CODEC
CS42888 CIRRUS-CS42888_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com