Electronic Components Datasheet Search
  English  ▼

X  

ADS5527 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5527
Description  12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5527 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5527 Datasheet HTML 17Page - Texas Instruments ADS5527 Datasheet HTML 18Page - Texas Instruments ADS5527 Datasheet HTML 19Page - Texas Instruments ADS5527 Datasheet HTML 20Page - Texas Instruments ADS5527 Datasheet HTML 21Page - Texas Instruments ADS5527 Datasheet HTML 22Page - Texas Instruments ADS5527 Datasheet HTML 23Page - Texas Instruments ADS5527 Datasheet HTML 24Page - Texas Instruments ADS5527 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
www.ti.com
PIN CONFIGURATION (CMOS MODE)
DRGND
DRVDD
OVR
UNUSED
CLKOUT
DFS
OE
AVDD
AGND
CLKP
CLKM
AGND
1
2
3
4
5
6
7
8
9
10
11
12
DRGND
DRVDD
NC
NC
NC
NC
RESET
SCLK
SDATA
SEN
AVDD
AGND
36
35
34
33
32
31
30
29
28
27
26
25
ADS5527
SLWS196 – DECEMBER 2006
RGZ PACKAGE
(TOP VIEW)
Figure 8. CMOS Mode Pinout
PIN ASSIGNMENTS – CMOS Mode
PIN
PIN
NUMBER
PIN NAME
DESCRIPTION
TYPE
NUMBER
OF PINS
8, 18, 20,
AVDD
Analog power supply
I
6
22, 24, 26
9, 12, 14, 17,
AGND
Analog ground
I
6
19, 25
CLKP, CLKM Differential clock input
I
10, 11
2
INP, INM
Differential analog input
I
15, 16
2
Internal reference mode – Common-mode voltage output.
VCM
External reference mode – Reference input. The voltage forced on this pin sets
I/O
13
1
the internal references.
IREF
Current-set resistor, 56.2-k
Ω resistor to ground.
I
21
1
Serial interface RESET input.
When using the serial interface mode, the user MUST initialize internal registers
through hardware RESET by applying a high-going pulse on this pin, or by using
the software reset option. See the SERIAL INTERFACE section.
RESET
I
30
1
In parallel interface mode, the user has to tie RESET pin permanently HIGH.
(SDATA and SEN are used as parallel pin controls in this mode).
The pin has an internal 100-k
Ω pull-down resistor.
This pin functions as serial interface clock input when RESET is low.
It functions as LOW SPEED control pin when RESET is tied high. Tie SCLK to
SCLK
I
29
1
LOW for Fs > 50 MSPS and SCLK to HIGH for Fs
≤ 50 MSPS. See Table 3.
The pin has an internal 100-k
Ω pull-down resistor.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com