Electronic Components Datasheet Search
  English  ▼

X  

ADS5527 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5527
Description  12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5527 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5527 Datasheet HTML 26Page - Texas Instruments ADS5527 Datasheet HTML 27Page - Texas Instruments ADS5527 Datasheet HTML 28Page - Texas Instruments ADS5527 Datasheet HTML 29Page - Texas Instruments ADS5527 Datasheet HTML 30Page - Texas Instruments ADS5527 Datasheet HTML 31Page - Texas Instruments ADS5527 Datasheet HTML 32Page - Texas Instruments ADS5527 Datasheet HTML 33Page - Texas Instruments ADS5527 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
www.ti.com
Example Drive Circuits
WBC1-1TLB
1:1
1:1
0.1 F
m
INP
INM
VCM
25 W
100 W
25 W
3.3pF
0.1 F
m
15
(Note A)
W
15
(Note A)
W
WBC1-1TLB
100 W
33 W
33 W
Z andTFADC
i
-6
-5
-1
1
f − Frequency − MHz
0
1000
2
-4
100
200
500
700
-2
-3
0
400
300
600
800
900
ADS5527
SLWS196 – DECEMBER 2006
APPLICATION INFORMATION (continued)
Using 10-
Ω series resistance and 25 Ω-3.3 pF-25 Ω as the R-C-R filter, high effective bandwidth (700 MHz) can
be achieved, (see Figure 39, transfer function from the analog input pins to the voltage across the sampling
capacitors).
In addition to the above ADC requirements, the drive circuit may have to be designed to provide a low insertion
loss over the desired frequency range and matched impedance to the source. For this, the ADC input
impedance has to be taken into account (Figure 40).
A suitable configuration using RF transformers and including the R-C-R filter is shown in Figure 38. Note the
15-
Ω series resistors and the low common-mode impedance (using 33-Ω resistors terminated to VCM).
A.
Use lower series resistance (
≈ 5 Ω to 10 Ω) at high input frequencies (> 100 MHz)
Figure 38. Example Drive Circuit With RF Transformers
Figure 39. Analog Input Bandwidth, TFADC (Actual Silicon Data)
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com