Electronic Components Datasheet Search
  English  ▼

X  

ADS5527 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5527
Description  12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5527 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5527 Datasheet HTML 29Page - Texas Instruments ADS5527 Datasheet HTML 30Page - Texas Instruments ADS5527 Datasheet HTML 31Page - Texas Instruments ADS5527 Datasheet HTML 32Page - Texas Instruments ADS5527 Datasheet HTML 33Page - Texas Instruments ADS5527 Datasheet HTML 34Page - Texas Instruments ADS5527 Datasheet HTML 35Page - Texas Instruments ADS5527 Datasheet HTML 36Page - Texas Instruments ADS5527 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
www.ti.com
Full−scale differential input pp + (Voltage forced on VCM)
1.33
Low Sampling Frequency Operation
Clock Input
CLKP
VCM
5kW
5kW
CLKM
VCM
ADS5527
SLWS196 – DECEMBER 2006
APPLICATION INFORMATION (continued)
In this mode, the 1.5 V common-mode voltage to bias the input pins has to be generated externally. There is no
change in performance compared to internal reference mode.
For best performance at high sampling frequencies, ADS5527 uses a clock generator circuit to derive internal
timing for the ADC. The clock generator operates from 210 MSPS down to 50 MSPS in the DEFAULT SPEED
mode. The ADC enters this mode after applying reset (with serial interface configuration) or by tying SCLK pin to
low (with parallel configuration).
For low sampling frequencies (below 50 MSPS), the ADC must be put in the LOW SPEED mode. This mode
can be entered by:
• setting the register bit <LOW SPEED> through the serial interface, OR
• tying the SCLK pin to high (see Table 3) using the parallel configuration.
ADS5527 clock inputs can be driven differentially (SINE, LVPECL or LVDS) or single-ended (LVCMOS), with
little or no difference in performance between configurations. The common-mode voltage of the clock inputs is
set to VCM using internal 5-k
Ω resistors as shown in Figure 42. This allows the use of transformer-coupled drive
circuits for sine wave clock, or ac-coupling for LVPECL, LVDS clock sources (Figure 43 and Figure 44)
Figure 42. Internal Clock Buffer
For best performance, it is recommended to drive the clock inputs differentially, reducing susceptibility to
common-mode noise. In this case, it is best to connect both clock inputs to the differential input clock signal with
0.1-
µF capacitors, as shown in Figure 43.
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com