Electronic Components Datasheet Search
  English  ▼

X  

ADS5527 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5527
Description  12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5527 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5527 Datasheet HTML 1Page - Texas Instruments ADS5527 Datasheet HTML 2Page - Texas Instruments ADS5527 Datasheet HTML 3Page - Texas Instruments ADS5527 Datasheet HTML 4Page - Texas Instruments ADS5527 Datasheet HTML 5Page - Texas Instruments ADS5527 Datasheet HTML 6Page - Texas Instruments ADS5527 Datasheet HTML 7Page - Texas Instruments ADS5527 Datasheet HTML 8Page - Texas Instruments ADS5527 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ADS5527
SLWS196 – DECEMBER 2006
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply voltage range, AVDD
–0.3 V to 3.9
V
Supply voltage range, DRVDD
–0.3 V to 3.9
V
Voltage between AGND and DRGND
-0.3 to 0.3
V
Voltage between AVDD to DRVDD
-0.3 to 3.3
V
Voltage applied to VCM pin (in external reference mode)
-0.3 to 1.8
V
Voltage applied to analog input pins, INP and INM
–0.3 V to minimum (3.6, AVDD + 0.3 V)
V
Voltage applied to input clock pins, CLKP and CLKM
-0.3 V to AVDD + 0.3 V
V
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
SUPPLIES
Analog supply voltage, AVDD
3
3.3
3.6
V
Digital supply voltage, DRVDD
3
3.3
3.6
V
ANALOG INPUTS
Differential input voltage range
2
VPP
Input common-mode voltage
1.5
±0.1
V
Voltage applied on VCM in external reference mode
1.45
1.5
1.55
V
CLOCK INPUT
Input clock sample rate (1)
MSPS
DEFAULT SPEED mode
50
210
MSPS
LOW SPEED mode
1
60
Input clock amplitude differential (V(CLKP) - V(CLKM))
Sine wave, ac-coupled
0.4
1.5
VPP
LVPECL, ac-coupled
1.6
VPP
LVDS, ac-coupled
0.7
VPP
LVCMOS, single-ended, ac-coupled
3.3
V
Input clock duty cycle (See Figure 31)
35%
50%
65%
DIGITAL OUTPUTS
CL
Maximum external load capacitance from each output pin to DRGND (LVDS and CMOS modes)
Without internal termination (default after
5
pF
reset)
With 100
Ω internal termination (2)
10
pF
RL
Differential load resistance between the LVDS output pairs (LVDS mode)
100
Ω
Operating free-air temperature
–40
85
°C
(1)
See the section on Low Sampling Frequency Operation for more information.
(2)
See the section on LVDS Buffer Internal termination for more information.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com