Electronic Components Datasheet Search
  English  ▼

X  

74HC390D Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HC390D
Description  Dual decade ripple counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC390D Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HC390D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Nexperia
74HC390; 74HCT390
Dual decade ripple counter
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1CP0, 2CP0
1, 15
clock input divide-by-2 section (HIGH-to-LOW; edge-triggered)
1MR, 2MR
2, 14
asynchronous master reset input (active HIGH)
1Q0, 1Q1, 1Q2, 1Q3
3, 5, 6, 7
flip-flop outputs
1CP1, 2CP1
4, 12
clock input divide-by-5 section (HIGH-to-LOW; edge-triggered)
GND
8
ground (0 V)
2Q0, 2Q1, 2Q2, 2Q3
13, 11, 10, 9
flip-flop outputs
VCC
16
supply voltage
6. Functional description
Table 3. BCD count sequence
Output nQ0 connected to nCP1; counter input on nCP0;
H = HIGH voltage level; L = LOW voltage level
Output
Count
nQ0
nQ1
nQ2
nQ3
0
L
L
L
L
1
H
L
L
L
2
L
H
L
L
3
H
H
L
L
4
L
L
H
L
5
H
L
H
L
6
L
H
H
L
7
H
H
H
L
8
L
L
L
H
9
H
L
L
H
Table 4. Bi-quinary count sequence
Output nQ3 connected to nCP0; counter input on nCP1;
H = HIGH voltage level; L = LOW voltage level
Output
Count
nQ0
nQ1
nQ2
nQ3
0
L
L
L
L
1
L
H
L
L
2
L
L
H
L
3
L
H
H
L
4
L
L
L
H
5
H
L
L
L
6
H
H
L
L
7
H
L
H
L
8
H
H
H
L
9
H
L
L
H
74HC_HCT390
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 18 October 2021
3 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com