Electronic Components Datasheet Search
  English  ▼

X  

74HC390D Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74HC390D
Description  Dual decade ripple counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC390D Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74HC390D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Nexperia
74HC390; 74HCT390
Dual decade ripple counter
10. Dynamic characteristics
Table 8. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Fig. 7.
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter
Conditions
Min Typ [1] Max
Min
Max
Min
Max
Unit
74HC390
nCP0 to nQ0; see Fig. 5
[2]
VCC = 2.0 V
-
47
145
-
180
-
220 ns
VCC = 4.5 V
-
17
29
-
36
-
44
ns
VCC = 5 V; CL = 15 pF
-
14
-
-
-
-
-
ns
VCC = 6.0 V
-
14
25
-
31
-
38
ns
nCP1 to nQ1; see Fig. 5
VCC = 2.0 V
-
50
155
-
195
-
235 ns
VCC = 4.5 V
-
18
31
-
39
-
47
ns
VCC = 5 V; CL = 15 pF
-
15
-
-
-
-
-
ns
VCC = 6.0 V
-
14
26
-
33
-
40
ns
nCP1 to nQ2; see Fig. 5
VCC = 2.0 V
-
74
210
-
265
-
315 ns
VCC = 4.5 V
-
27
42
-
53
-
63
ns
VCC = 5 V; CL = 15 pF
-
23
-
-
-
-
-
ns
VCC = 6.0 V
-
22
36
-
45
-
54
ns
nCP1 to nQ3; see Fig. 5
VCC = 2.0 V
-
50
155
-
195
-
235 ns
VCC = 4.5 V
-
18
31
-
39
-
47
ns
VCC = 5 V; CL = 15 pF
-
15
-
-
-
-
-
ns
tpd
propagation
delay
VCC = 6.0 V
-
14
26
-
33
-
40
ns
nMR to nQn; see Fig. 6
VCC = 2.0 V
-
52
165
-
205
-
250 ns
VCC = 4.5 V
-
19
33
-
41
-
50
ns
VCC = 5 V; CL = 15 pF
-
16
-
-
-
-
-
ns
tPHL
HIGH to LOW
propagation
delay
VCC = 6.0 V
-
15
28
-
35
-
43
ns
nQn; see Fig. 5
[3]
VCC = 2.0 V
-
19
75
-
95
-
110 ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tt
transition time
VCC = 6.0 V
-
6
13
-
16
-
19
ns
74HC_HCT390
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 18 October 2021
6 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com