Electronic Components Datasheet Search
  English  ▼

X  

74HC390D Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74HC390D
Description  Dual decade ripple counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC390D Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74HC390D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Nexperia
74HC390; 74HCT390
Dual decade ripple counter
001aah768
tW
tW
tr
tr
tf
VM
VI
negative
pulse
GND
VI
positive
pulse
GND
10 %
90 %
90 %
10 %
VM
VM
VM
tf
VCC
DUT
RT
VI
VO
CL
G
Test data is given in Table 10.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
Fig. 7. Test circuit for measuring switching times
Table 10. Test data
Input
Load
Type
VI
tr, tf
CL
Test
74HC390
VCC
6 ns
15 pF, 50 pF
tPLH, tPHL
74HCT390
3 V
6 ns
15 pF, 50 pF
tPLH, tPHL
74HC_HCT390
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 18 October 2021
10 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com