Electronic Components Datasheet Search
  English  ▼

X  

74HC390D Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74HC390D
Description  Dual decade ripple counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC390D Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74HC390D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Nexperia
74HC390; 74HCT390
Dual decade ripple counter
10.1. Waveforms and test circuit
aaa-024295
tW
VI
GND
VOH
VOL
10 %
90 %
90 %
10 %
VM
VM
1/fmax
tPLH
tPHL
tTLH
tTHL
nCPn input
nQn output
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 5. The clock input (nCPn) to output (nQn) propagation delays, output transition time, clock pulse width and
maximum clock frequency
aaa-024296
tPHL
tW
trec
VM
VI
GND
nCPn input
VOH
VOL
nQn output
VM
VM
GND
nMR input
VI
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 6. The master reset (nMR) pulse width, master reset to output (nQn) propagation delays and master reset to
clock (nCPn) recovery time
Table 9. Measurement points
Input
Output
Type
VM
VM
74HC390
0.5VCC
0.5VCC
74HCT390
1.3 V
1.3 V
74HC_HCT390
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 18 October 2021
9 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com