Electronic Components Datasheet Search
  English  ▼

X  

ADPD7000 Datasheet(PDF) 72 Page - Analog Devices

Part # ADPD7000
Description  Multimodal Sensor Front End
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7000 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADPD7000 Datasheet HTML 68Page - Analog Devices ADPD7000 Datasheet HTML 69Page - Analog Devices ADPD7000 Datasheet HTML 70Page - Analog Devices ADPD7000 Datasheet HTML 71Page - Analog Devices ADPD7000 Datasheet HTML 72Page - Analog Devices ADPD7000 Datasheet HTML 73Page - Analog Devices ADPD7000 Datasheet HTML 74Page - Analog Devices ADPD7000 Datasheet HTML 75Page - Analog Devices ADPD7000 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 127 page
background image
Data Sheet
ADPD7000
REGISTER SUMMARY
analog.com
Rev. 0 | 72 of 127
Table 23. Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x2F9
BIOZ_DC_
EXCITATI
ON_F
[15:8]
BIOZ_DCL
O_POLARI
TY_IP_F
BIOZ_DCLO
_POLARITY
_IN_F
BIOZ_DCLO
_L_EN_F
BIOZ_DCLO_L_MAG_F
BIOZ_DCLO
_M_EN_F
0x0000
R/W
[7:0]
BIOZ_DCLO_M_MAG_F
BIOZ_DCLO
_H_EN_F
BIOZ_DCLO_H_MAG_F
0x2FA
BIOZ_ANA
_CTRL1_F
[15:8]
BIOZ_TIA_RGAIN_F
BIOZ_TIA_CGAIN_F
0x1730
R/W
[7:0]
BIOZ_EXCBUF_LPMODE
_F
BIOZ_CHOP_OFF_IN_F
BIOZ_TIA_LPMODE_F
BIOZ_RX_L
PMODE_F
BIOZ_DAC_
RCF_LOWB
W_EN_F
0x2FB
BIOZ_ANA
_CTRL2_F
[15:8]
BIOZ_TIA_
VREF_SE
L_F
BIOZ_CM_S
W_F
BIOZ_NCHAN_F
BIOZ_PCHAN_F
0x0000
R/W
[7:0]
BIOZ_TSW_F
BIOZ_DSW_F
0x2FC
BIOZ_ANA
_CTRL3_F
[15:8]
BIOZ_CHOP_OFF_EXC_
F
BIOZ_PGA_GAIN_F
BIOZ_TIA_ECG_F
BIOZ_EXCB
UF_ECG_F,
Bit 2
0xC000
R/W
[7:0]
BIOZ_EXCBUF_ECG_F[1
:0]
BIOZ_DCLO
_IP_EN_F
BIOZ_DCLO
_IN_EN_F
BIOZ_CURRENT_LIMIT_F
BIOZ_RINT_SW_F
0x2FD
BIOZ_ADC
FILTERCO
N_F
[15:8]
RESERVED
BIOZ_ADC_PERIOD_F[5:2]
0x0004
R/W
[7:0]
BIOZ_ADC_PERIOD_F[1:
0]
BIOZ_AVRGNUM_F
BIOZ_AVRG
EN_F
BIOZ_SINC
3BYP_F
BIOZ_SINC3OSR_F
0x2FE
BIOZ_DFT
CON_F
[15:8]
RESERVED
0x0009
R/W
[7:0]
BIOZ_DAT
A_SIZE_F
BIOZ_DFT_
TYPE_F
BIOZ_WG_
DFT_DIFF_
PHASE_EN
_F
BIOZ_HANN
INGEN_F
BIOZ_DFTNUM_F
0x2FF
BIOZ_ADC
_CONV_D
LY_F
[15:8]
BIOZ_PRE_WIDTH_F
BIOZ_PRECON_SEL_F
BIOZ_SUBSAMPLE_RATIO_F[6:4]
0x0011
R/W
[7:0]
BIOZ_SUBSAMPLE_RATIO_F[3:0]
BIOZ_PREC
ON_RES_F
BIOZ_ADC_CONV_DLY_F
0x300
BIOZ_AFE
CON_G
[15:8]
RESERVED
BIOZ_DACR
EF_LPMOD
E_G
BIOZ_REFN
ORM_G
BIOZ_TIMESLOT_OFFSET_G[9:6]
0x0000
R/W
[7:0]
BIOZ_TIMESLOT_OFFSET_G[5:0]
BIOZ_TIAE
N_G
BIOZ_EXCI
TATION_TY
PE_G
0x301
BIOZ_WG
FCW_LO
W_G
[15:8]
BIOZ_SINEFCW_L_G[15:8]
0x0000
R/W
[7:0]
BIOZ_SINEFCW_L_G[7:0]
0x302
BIOZ_WG
FCW_HI_
G
[15:8]
BIOZ_DAT
A_SELEC
TION_G
BIOZ_NCHAN_ALT_G
BIOZ_PCHAN_ALT_G
RESERVED 0x0000
R/W
[7:0]
RESERVED
BIOZ_SINEFCW_H_G
0x303
BIOZ_WG
PHASE_G
[15:8]
BIOZ_SINE_PHASE_OFFSET_G[15:8]
0x0000
R/W
[7:0]
BIOZ_SINE_PHASE_OFFSET_G[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com