Electronic Components Datasheet Search
  English  ▼

X  

LT9890 Datasheet(PDF) 4 Page - Analog Devices

Part # LT9890
Description  150 A Current Monitor for Intel Psys Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT9890 Datasheet(HTML) 4 Page - Analog Devices

  LT9890 Datasheet HTML 1Page - Analog Devices LT9890 Datasheet HTML 2Page - Analog Devices LT9890 Datasheet HTML 3Page - Analog Devices LT9890 Datasheet HTML 4Page - Analog Devices LT9890 Datasheet HTML 5Page - Analog Devices LT9890 Datasheet HTML 6Page - Analog Devices LT9890 Datasheet HTML 7Page - Analog Devices LT9890 Datasheet HTML 8Page - Analog Devices LT9890 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
LT9890
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 4 of 11
Table 2. Absolute Maximum Ratings
Parameter
Rating
IP and IM Voltage Range
−0.3 V to +70 V
IP and IM Current
150 A
IOUT Voltage Range1
−0.3 V to +5 V
IP-to-IOUT Voltage Range 2
−0.3 V to +70 V
Temperature
Operating TJ Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Maximum TJ
150°C
1 If IP is greater than 50 V, do not pull IOUT less than −0.3 V.
2 If IP is greater than 50 V and IOUT is pulled to less than −0.3 V, connect a
Schottky diode between IOUT and ground. Tie the Schottky cathode to IOUT
and the anode to ground.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operat-
ing environment. Careful attention to the PCB thermal design is
required.
θJA is the natural convection junction-to-ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJCT and θJCB are
the junction-to-case thermal resistances, top and bottom, respec-
tively.
Table 3. Thermal Resistance
Package Type1
θJA
θJCT
θJCB
Unit
CC-108-3
18
9.6
3.4
°C/W
1 Values determined per JEDEC 51-9 and JEDEC 51-12.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com