Electronic Components Datasheet Search
  English  ▼

X  

LT9890 Datasheet(PDF) 11 Page - Analog Devices

Part # LT9890
Description  150 A Current Monitor for Intel Psys Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT9890 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT9890 Datasheet HTML 3Page - Analog Devices LT9890 Datasheet HTML 4Page - Analog Devices LT9890 Datasheet HTML 5Page - Analog Devices LT9890 Datasheet HTML 6Page - Analog Devices LT9890 Datasheet HTML 7Page - Analog Devices LT9890 Datasheet HTML 8Page - Analog Devices LT9890 Datasheet HTML 9Page - Analog Devices LT9890 Datasheet HTML 10Page - Analog Devices LT9890 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Data Sheet
LT9890
OUTLINE DIMENSIONS
©2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 11 of 11
Figure 18. 108-Terminal Land Grid Array [LGA]
(10 mm × 20 mm × 2.75 mm)
(Reference DWG# CC-108-3)
Updated: February 14, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
LT9890AV#PBF
−40°C to +125°C
108-Terminal LGA (10 mm × 20 mm × 2.75 mm)
CC-108-3
1 The LT9890AV#PBF is a RoHS compliant part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com