Electronic Components Datasheet Search
  English  ▼

X  

LT9890 Datasheet(PDF) 3 Page - Analog Devices

Part # LT9890
Description  150 A Current Monitor for Intel Psys Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT9890 Datasheet(HTML) 3 Page - Analog Devices

  LT9890 Datasheet HTML 1Page - Analog Devices LT9890 Datasheet HTML 2Page - Analog Devices LT9890 Datasheet HTML 3Page - Analog Devices LT9890 Datasheet HTML 4Page - Analog Devices LT9890 Datasheet HTML 5Page - Analog Devices LT9890 Datasheet HTML 6Page - Analog Devices LT9890 Datasheet HTML 7Page - Analog Devices LT9890 Datasheet HTML 8Page - Analog Devices LT9890 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
LT9890
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 11
ELECTRICAL CHARACTERISTICS
The operating voltage range (VIP) = 12 V, the current from IP to IM (ISENSE) = 100 A, and the output resistor (ROUT) = 200 Ω, unless otherwise
noted. All currents into the device pins are positive, and all currents out of the device pins are negative. All voltages are referenced to GND,
unless otherwise noted.
Table 1. Electrical Characteristics
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY CHARACTERISTICS
VIP
Voltage on the IP pin with respect to ground
2.7
65
V
Supply Current (IIP)
TJ = 25°C, IM floating
2.5
mA
VIP Undervoltage Lockout (VUVLO)
VIP ramping up
2.6
V
VUVLO Hysteresis
TJ = 25°C
190
mV
Start-Up Time (tSTART-UP)
TJ = 25°C, time from undervoltage lockout to output
current within 1%
200
µs
CURRENT SENSE CHARACTERISTICS (IP AND IM)
ISENSE
7.5
150
A
Current Path Resistance (RPATH)
Resistance from IP to IM1
150
325
µΩ
OUTPUT CHARACTERISTICS (IOUT)
Input-to-Output Current Ratio
TJ = 25°C
26,600
IOUT TUE
ISENSE = 7.5 A
±4.0
%
ISENSE = 15 A
±2
%
ISENSE = 30 A
±1.6
%
ISENSE = 45 A to 150 A
±1.3
%
Common-Mode Rejection Ratio (CMRR)2
TJ = 25°C, DC, VIP = 2.7 V and VIP = 65 V, ROUT =
200 Ω
92
dB
Small-Signal Bandwidth
TJ = 25°C, ISENSE = 7.5 A
0.7
MHz
TJ = 25°C, ISENSE = 150 A
3.2
MHz
Large-Signal Response Time (tRESP)
TJ = 25°C, ISENSE = 7.5 A to 150 A, IOUT settled to
within 0.1%
2
µs
Output Integrated Noise Relative to Output Current
TJ = 25°C, ISENSE = 150 A
0.075
%
1 Use the recommended PCB layout. See the Figure 17 section for further details. The current path resistance has a 3900 ppm temperature coefficient.
2 The CMRR is equal to (ROUT ΔV/IP ΔV)/(Averaged ROUT Voltage/Input Current, IIN, x Shunt Resistance, RSHUNT). ROUT is 200 Ω on the tester.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com