Electronic Components Datasheet Search
  English  ▼

X  

LT9890 Datasheet(PDF) 9 Page - Analog Devices

Part # LT9890
Description  150 A Current Monitor for Intel Psys Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT9890 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT9890 Datasheet HTML 3Page - Analog Devices LT9890 Datasheet HTML 4Page - Analog Devices LT9890 Datasheet HTML 5Page - Analog Devices LT9890 Datasheet HTML 6Page - Analog Devices LT9890 Datasheet HTML 7Page - Analog Devices LT9890 Datasheet HTML 8Page - Analog Devices LT9890 Datasheet HTML 9Page - Analog Devices LT9890 Datasheet HTML 10Page - Analog Devices LT9890 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Data Sheet
LT9890
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 9 of 11
The LT9890 is a high-side current-sense amplifier with an integrat-
ed current-sense element. The current-sense element is copper (a
proprietary method that corrects for the nonideal resistance traits
of the copper). The sense voltage across the sense element is
amplified and level shifted to a ground-referred IOUT. The output
signal is analog and can be used as is or processed with an output
filter.
SELECTION OF ROUT
ROUT determines how IOUT is converted to the IOUT voltage (VIO-
UT). VIOUT is the output current, IIOUT, × ROUT. In choosing ROUT, the
maximum output voltage, VOUT (MAX), must first be considered. If the
circuit that is driven by the output does not limit VOUT, ROUT must
be chosen such that the VOUT (MAX) does not exceed the LT9890
IOUT maximum VOUT rating. If the following circuit is a buffer or
analog-to-digital converter (ADC) with a limited input range, ROUT
must be chosen so that IOUT (MAX) × ROUT is less than the allowed
maximum input range of this circuit.
In addition, the output impedance is determined by ROUT. If the
circuit driven has a high enough input impedance (RI), most ROUT
values are acceptable. However, if the driven circuit has relatively
low RI or draws spikes of current, such as an ADC does, a lower
ROUT value is required to preserve the accuracy of the output. For
example, if the RI of the driven circuit is 100 x ROUT, the accuracy of
VIOUT is reduced by 1% because of the following:
VIOUT=
IIOUT×ROUT×R1
ROUT+R1
≈0.99×IIOUT×ROUT (1)
OUTPUT FILTERING
The high-frequency performance of the LT9890 is useful for some
applications, but other applications require less bandwidth. In these
instances, an output capacitor (COUT) can be placed in parallel with
ROUT to reduce noise and to help keep the output steady while
driving a switching circuit, such as a multiplexer or ADC. This COUT
in parallel with the ROUT creates a pole in the output response at
the following:
f−3 dB= 1
2×π×ROUT×COUT
(2)
PCB LAYOUT
The high currents through the LT9890 require careful PCB routing.
The wide package size was chosen to allow 18 mm wide copper
into and out of the device. Use at least 70 μm thick board copper.
All current flows through the large IP (Pin 103 to Pin 108) and IM
pins (Pin 97 to Pin 102) beneath the package. The many IP pins on
the top (Pin 49 to Pin 84) and IM pins on the bottom (Pin 1 to Pin
36) of the PCB carry no current. These pins exist for mechanical
stability. Solder these pins to IP and IM as labeled.
A wide copper sense element exists within the package. Current
density variations through that shunt can cause errors.
Figure 16 shows three possible routing methods of copper through
the LT9890. The left-most method is best because it places the
LT9890 directly in the path from the connector to the downstream
circuitry. The other two methods create additional TUE. To minimize
trace resistance, use multiple wide planes to the LT9890. Reduce
the width of these wide planes to 18 mm approximately 4 mm
before the large IP and IM pins to force the current to run straight
into the LT9890 and avoid crowding. Figure 17 depicts this recom-
mended power layout for one side of the LT9890. Note that the
other side mirrors it. The row of vias near the power pads connects
the multiple planes right before current enters the LT9890. The vias
also operate as thermal vias to dissipate the heat of the LT9890
to all power planes. PCB path resistance often exceeds the 150
μΩ path resistance of the LT9890, which raises the TJ beyond
typical calculations. Use short distances, multiple power planes,
and thermal vias to reduce self heating. For heat dissipation, the
planes on the top and the bottom of the PCB are most important.
For minimum PCB resistance, the top planes are most important.
Figure 16. Three Routing Methods of Copper
Figure 17. Recommended Power Layout
FACTORY CALIBRATION
The LT9890 is factory calibrated to correct for the copper sense
nonideal resistivity of the element.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com