Electronic Components Datasheet Search
  English  ▼

X  

IRMCK201 Datasheet(PDF) 49 Page - International Rectifier

Part # IRMCK201
Description  High Performance Configurable Digital AC Servo Control IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK201 Datasheet(HTML) 49 Page - International Rectifier

Back Button IRMCK201 Datasheet HTML 45Page - International Rectifier IRMCK201 Datasheet HTML 46Page - International Rectifier IRMCK201 Datasheet HTML 47Page - International Rectifier IRMCK201 Datasheet HTML 48Page - International Rectifier IRMCK201 Datasheet HTML 49Page - International Rectifier IRMCK201 Datasheet HTML 50Page - International Rectifier IRMCK201 Datasheet HTML 51Page - International Rectifier IRMCK201 Datasheet HTML 52Page - International Rectifier IRMCK201 Datasheet HTML 53Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
IRMCK201
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
50
Byte
Offset
Bit Position
7
6
5
4
3
2
1
0
0x54
VqSfwd (MSBs)
(W)
0x55
ElecAngW
(LSBs)
(W)
0x56
SPARE
ElecAngW (MSBs)
(W)
DirectHostVoltage Control Write Register Map
Field
Name
Access
(R/W)
Field Description
VdSfwd
W
12-bit signed value for synchronous frame direct current
when host direct current control is enabled.
This field is
typically used for V/Hz control.
VqSfwd
W
12-bit signed value for synchronous frame quadrature
voltage that is added to the Q-Axis PI-controller output.
This field is typically used for feedforward or V/Hz control.
ElecAngW
W
12-bit electrical angle used when host electrical angle control
is enabled.
This field is typically used for V/Hz control.
DirectHostVoltageControl Write Register Field Definitions
3
32
2b
biittQ
Qu
ua
ad
dD
De
ec
co
od
de
e R
Re
eg
giis
stte
err G
Grro
ou
up
p ((W
Wrriitte
e R
Re
eg
giis
stte
errs
s))
Byte
Offset
Bit Position
7
6
5
4
3
2
1
0
0x58
EncCnt32bW (bits 0-7)
(W)
0x59
EncCnt32bW (bits 8-15)
(W)
0x5A
EncCnt32bW (bits 16-23)
(W)
0x5B
EncCnt32bW (bits 24-31)
(W)
32bitQuadDecode Write Register Map
Field
Name
Access
(R/W)
Field Description
EncCnt32bW
W
New value for 32-bit Quadrature Decoder counter.
32bitQuadDecode Write Register Field Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com