Electronic Components Datasheet Search
  English  ▼

X  

IRMCK201 Datasheet(PDF) 16 Page - International Rectifier

Part # IRMCK201
Description  High Performance Configurable Digital AC Servo Control IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK201 Datasheet(HTML) 16 Page - International Rectifier

Back Button IRMCK201 Datasheet HTML 12Page - International Rectifier IRMCK201 Datasheet HTML 13Page - International Rectifier IRMCK201 Datasheet HTML 14Page - International Rectifier IRMCK201 Datasheet HTML 15Page - International Rectifier IRMCK201 Datasheet HTML 16Page - International Rectifier IRMCK201 Datasheet HTML 17Page - International Rectifier IRMCK201 Datasheet HTML 18Page - International Rectifier IRMCK201 Datasheet HTML 19Page - International Rectifier IRMCK201 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
IRMCK201
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
16
IIm
mp
plle
em
me
en
nttiin
ng
g tth
he
e L
Lo
ow
w P
Pa
as
ss
s F
Fiilltte
err S
Sh
hiie
elld
d
Make all connections between CHGO, Rp, Cp, Cs and LPVSS as short as possible.
Create the underlining shield by
“copper filling” a larger area in the signal plane of the PCB.
Connect this shield to the LPVSS pin of the IC.
Do
not connect this shield to signal ground (VSS).
C
Cp
p R
Rp
p a
an
nd
d C
Cs
s C
Co
om
mp
po
on
ne
en
ntt V
Va
allu
ue
es
s
For a typical FR4 PCB, the values of the passive components are shown in Table 3.
Component
Value
Units
Rp
3.9K
Ω
Cp
1000
pF
Cs
Not Installed
-
Table 3: PLL Low Pass Filter Values
PLL Reset
There are two reset pins on the IC, XPD and RESETN both low true.
XPD holds the PLL circuitry in reset when
low.
Upon XPD going high, the PLL circuitry begins to lock onto the 33.33 MHz clock input.
The PLL circuit
may take up to 1 ms to become stable.
RESETN asserted low holds the internal DSP logic in reset.
Upon
RESETN going high, the IC digital logic becomes active.
RESETN should be held low during and at least 1 ms after XPD goes high false to hold the internal DSP logic in reset
while the PLL becomes stable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com