Electronic Components Datasheet Search
  English  ▼

X  

GS66504B Datasheet(PDF) 4 Page - GaN Systems Inc.

Part # GS66504B
Description  Bottom-side cooled 650 V E-mode GaN transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66504B Datasheet(HTML) 4 Page - GaN Systems Inc.

  GS66504B Datasheet HTML 1Page - GaN Systems Inc. GS66504B Datasheet HTML 2Page - GaN Systems Inc. GS66504B Datasheet HTML 3Page - GaN Systems Inc. GS66504B Datasheet HTML 4Page - GaN Systems Inc. GS66504B Datasheet HTML 5Page - GaN Systems Inc. GS66504B Datasheet HTML 6Page - GaN Systems Inc. GS66504B Datasheet HTML 7Page - GaN Systems Inc. GS66504B Datasheet HTML 8Page - GaN Systems Inc. GS66504B Datasheet HTML 9Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GS66504B
Bottom-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 200402
© 2009-2020 GaN Systems Inc.
4
Submit datasheet feedback
Electrical Performance Graphs
IDS vs. VDS Characteristic
IDS vs. VDS Characteristic
Figure 1: Typical IDS vs. VDS @ TJ = 25 ⁰C
Figure 2: Typical IDS vs. VDS @ TJ = 150 ⁰C
RDS(on) vs. IDS Characteristic
RDS(on) vs. IDS Characteristic
Figure 3: RDS(on) vs. IDS at TJ = 25 ⁰C
Figure 4: RDS(on) vs. IDS at TJ = 150 ⁰C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com