Electronic Components Datasheet Search
  English  ▼

X  

GS66504B Datasheet(PDF) 1 Page - GaN Systems Inc.

Part # GS66504B
Description  Bottom-side cooled 650 V E-mode GaN transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66504B Datasheet(HTML) 1 Page - GaN Systems Inc.

  GS66504B Datasheet HTML 1Page - GaN Systems Inc. GS66504B Datasheet HTML 2Page - GaN Systems Inc. GS66504B Datasheet HTML 3Page - GaN Systems Inc. GS66504B Datasheet HTML 4Page - GaN Systems Inc. GS66504B Datasheet HTML 5Page - GaN Systems Inc. GS66504B Datasheet HTML 6Page - GaN Systems Inc. GS66504B Datasheet HTML 7Page - GaN Systems Inc. GS66504B Datasheet HTML 8Page - GaN Systems Inc. GS66504B Datasheet HTML 9Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
GS66504B
Bottom-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 200402
© 2009-2020 GaN Systems Inc.
1
Submit datasheet feedback
Package Outline
Features
•
650 V enhancement mode power transistor
•
Bottom-side cooled configuration
•
RDS(on) = 100 mΩ
•
IDS(max) = 15 A
•
Ultra-low FOM die
•
Low inductance GaNPX® package
•
Simple gate drive requirements (0 V to 6 V)
•
Transient tolerant gate drive (-20 V / +10 V)
•
Very high switching frequency (> 10 MHz)
•
Fast and controllable fall and rise times
•
Reverse current capability
•
Zero reverse recovery loss
•
Small 5.0 x 6.6 mm2 PCB footprint
•
RoHS3 (6 + 4) compliant
Applications
• AC-DC Converters
• DC-DC converters
• Uninterruptable Power Supplies
• Industrial Motor Drives
• Appliance Motor Drives
• Fast Battery Charging
• Class D Audio amplifiers
• Power Adapters
• Wireless Power Transfer
Description
The GS66504B is an enhancement mode GaN-on-silicon
power transistor. The properties of GaN allow for high
current, high voltage breakdown and high switching
frequency. GaN Systems innovates with industry leading
advancements such as patented Island Technology®
and GaNPX® packaging. Island Technology® cell layout
realizes high-current die and high yield.
GaNPX®
packaging enables low inductance & low thermal
resistance in a small package. The GS66504B is a bottom-
side cooled transistor that offers very low junction-to-
case thermal resistance for demanding high power
applications. These features combine to provide very
high efficiency power switching.
Circuit Symbol


Similar Part No. - GS66504B

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS66502B GAN-GS66502B Datasheet
949Kb / 14P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66506T GAN-GS66506T Datasheet
1,012Kb / 15P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508B GAN-GS66508B Datasheet
982Kb / 16P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508T GAN-GS66508T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
More results

Similar Description - GS66504B

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS61008P GAN-GS61008P Datasheet
893Kb / 16P
Bottom-side cooled 100 V E-mode GaN transistor
Rev 200402
GS61008T GAN-GS61008T Datasheet
1Mb / 17P
Top-side cooled 100 V E-mode GaN transistor
Rev 200402
GS66502B GAN-GS66502B Datasheet
949Kb / 14P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66506T GAN-GS66506T Datasheet
1,012Kb / 15P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508B GAN-GS66508B Datasheet
982Kb / 16P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508T GAN-GS66508T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66516B GAN-GS66516B Datasheet
1Mb / 16P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 211025
GS66516T GAN-GS66516T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 210727
logo
Teledyne Technologies I...
TDG100E90BEP TELEDYNE-TDG100E90BEP Datasheet
2Mb / 19P
Bottom-side cooled, 100V E-mode GaN transistor Product Specification
04-2020 Rev1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com