Electronic Components Datasheet Search
  English  ▼

X  

GS66504B Datasheet(PDF) 9 Page - GaN Systems Inc.

Part # GS66504B
Description  Bottom-side cooled 650 V E-mode GaN transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66504B Datasheet(HTML) 9 Page - GaN Systems Inc.

Back Button GS66504B Datasheet HTML 5Page - GaN Systems Inc. GS66504B Datasheet HTML 6Page - GaN Systems Inc. GS66504B Datasheet HTML 7Page - GaN Systems Inc. GS66504B Datasheet HTML 8Page - GaN Systems Inc. GS66504B Datasheet HTML 9Page - GaN Systems Inc. GS66504B Datasheet HTML 10Page - GaN Systems Inc. GS66504B Datasheet HTML 11Page - GaN Systems Inc. GS66504B Datasheet HTML 12Page - GaN Systems Inc. GS66504B Datasheet HTML 13Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
GS66504B
Bottom-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 200402
© 2009-2020 GaN Systems Inc.
9
Submit datasheet feedback
Source Sensing
Although the package does not have a dedicated source sense pin, the GaNPX® packaging utilizes no wire bonds
so the source connection is already very low inductance. By simply using a dedicated “source sense” connection
with a PCB trace from the gate driver output ground to the Source pad in a kelvin configuration with respect to
the gate drive signal, the function can easily be implemented. It is recommended to implement a “source sense”
connection to improve drive performance.
Thermal
The substrate is internally connected to the source/thermal pad on the bottom side of the package. The
transistor is designed to be cooled using the printed circuit board. The Drain pad is not as thermally conductive
as the thermal pad. However, adding more copper under the Drain will improve thermal performance by
reducing the package temperature.
Thermal Modeling
RC thermal models are available to support detailed thermal simulation using SPICE. The thermal models are
created using the Cauer model, an RC network model that reflects the real physical property and packaging
structure of our devices. This approach allows our customers to extend the thermal model to their system by
adding extra Rθ and Cθ to simulate the Thermal Interface Material (TIM) or Heatsink.
RC thermal model:
RC breakdown of RΘJC
R
θ (°C/W)
C
θ (W∙s/°C)
R
θ1 = 0.03
C
θ1 = 4.0E-05
R
θ2 = 0.46
C
θ2 = 3.7E-04
R
θ3 = 0.48
C
θ3 = 3.25E-03
R
θ4 = 0.03
C
θ4 = 1.0E-03
For more detail, please refer to Application Note GN007 “Modeling Thermal Behavior of GaN Systems’ GaNPX®
Using RC Thermal SPICE Models” available at www.gansystems.com
Reverse Conduction
GaN Systems enhancement mode HEMTs do not need an intrinsic body diode and there is zero reverse recovery
charge. The devices are naturally capable of reverse conduction and exhibit different characteristics depending
on the gate voltage. Anti-parallel diodes are not required for GaN Systems transistors as is the case for IGBTs to
achieve reverse conduction performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com