Electronic Components Datasheet Search
  English  ▼

X  

GS66516T Datasheet(PDF) 2 Page - GaN Systems Inc.

Part # GS66516T
Description  Top-side cooled 650 V E-mode GaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66516T Datasheet(HTML) 2 Page - GaN Systems Inc.

  GS66516T Datasheet HTML 1Page - GaN Systems Inc. GS66516T Datasheet HTML 2Page - GaN Systems Inc. GS66516T Datasheet HTML 3Page - GaN Systems Inc. GS66516T Datasheet HTML 4Page - GaN Systems Inc. GS66516T Datasheet HTML 5Page - GaN Systems Inc. GS66516T Datasheet HTML 6Page - GaN Systems Inc. GS66516T Datasheet HTML 7Page - GaN Systems Inc. GS66516T Datasheet HTML 8Page - GaN Systems Inc. GS66516T Datasheet HTML 9Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
GS66516T
Top-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 210727
© 2009-2021 GaN Systems Inc.
2
Submit datasheet feedback
Absolute Maximum Ratings (Tcase = 25 °C except as noted)
Parameter
Symbol
Value
Unit
Operating Junction Temperature
TJ
-55 to +150
°C
Storage Temperature Range
TS
-55 to +150
°C
Drain-to-Source Voltage
VDS
650
V
Transient Drain-to-Source Voltage (Note 1)
VDS(transient)
750
V
Gate-to-Source Voltage
VGS
-10 to +7
V
Gate-to-Source Voltage - transient (Note 1)
VGS(transient)
-20 to +10
V
Continuous Drain Current (Tcase=25 °C)
IDS
60
A
Continuous Drain Current (Tcase=100 °C)
IDS
47
A
Pulse Drain Current (Pulse width 50 µs, VGS = 6 V)
(Note 2)
IDS Pulse
120
A
(1) For < 1 µs
(2) Defined by product design and characterization. Value is not tested to full current in production.
Thermal Characteristics (Typical values unless otherwise noted)
Parameter
Symbol
Value
Units
Thermal Resistance (junction-to-case) – top side
RΘJC
0.27
°C /W
Maximum Soldering Temperature (MSL3 rated)
TSOLD
260
°C
Ordering Information
Ordering
code
Package type
Packing
method
Qty
Reel
Diameter
Reel
Width
GS66516T-TR
GaNPX® Top-Side Cooled
Tape-and-Reel
3000
13”
(330mm)
16mm
GS66516T-MR
GaNPX® Top-Side Cooled
Mini-Reel
250
7” (180 mm)
16mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com