Electronic Components Datasheet Search
  English  ▼

X  

GS66516T Datasheet(PDF) 13 Page - GaN Systems Inc.

Part # GS66516T
Description  Top-side cooled 650 V E-mode GaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66516T Datasheet(HTML) 13 Page - GaN Systems Inc.

Back Button GS66516T Datasheet HTML 9Page - GaN Systems Inc. GS66516T Datasheet HTML 10Page - GaN Systems Inc. GS66516T Datasheet HTML 11Page - GaN Systems Inc. GS66516T Datasheet HTML 12Page - GaN Systems Inc. GS66516T Datasheet HTML 13Page - GaN Systems Inc. GS66516T Datasheet HTML 14Page - GaN Systems Inc. GS66516T Datasheet HTML 15Page - GaN Systems Inc. GS66516T Datasheet HTML 16Page - GaN Systems Inc. GS66516T Datasheet HTML 17Page - GaN Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
GS66516T
Top-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 210727
© 2009-2021 GaN Systems Inc.
13
Submit datasheet feedback
Keep out area: Avoid placing traces or vias on the top layer of the PCB, directly
underneath the package. This is to prevent potential electro-migration and solder mask
isolation issues during high temperature or/and voltage operation.
Symmetrical dual gates are provided for flexible layout and easy paralleling. Either gate
drive can be used. If the second gate is not used, it should be left floating.
A separate Source Sense pin is not provided on our top-side products because of the
ultra-low inductance of our GaNPX® packaging. The Source Sense pin functionality can be
implemented simply by routing a Kelvin connection at the side of the Source pad. This
can be done at either side of the source pad for layout optimization.
Do not route vias within the Gate pad as it may affect long term solder joint reliability. For
other pads, it is recommended to implement filled vias for better solder joint reliability.
when the product operates at greater than 100
C it is recommended to also clean the “No-Clean” paste
residues.
Avoid placing printed circuit board traces with high differential voltage to the source or drain directly
underneath the top-cooled package on the PCB to avoid potential electro-migration and solder mask
isolation issues during high temperature or/and voltage operation.
Routing Guidelines
The following layout recommendations are highlighted. Additional detail is provided in Application
Note GN001 at www.gansystems.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com