Electronic Components Datasheet Search
  English  ▼

X  

GS66516T Datasheet(PDF) 1 Page - GaN Systems Inc.

Part # GS66516T
Description  Top-side cooled 650 V E-mode GaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66516T Datasheet(HTML) 1 Page - GaN Systems Inc.

  GS66516T Datasheet HTML 1Page - GaN Systems Inc. GS66516T Datasheet HTML 2Page - GaN Systems Inc. GS66516T Datasheet HTML 3Page - GaN Systems Inc. GS66516T Datasheet HTML 4Page - GaN Systems Inc. GS66516T Datasheet HTML 5Page - GaN Systems Inc. GS66516T Datasheet HTML 6Page - GaN Systems Inc. GS66516T Datasheet HTML 7Page - GaN Systems Inc. GS66516T Datasheet HTML 8Page - GaN Systems Inc. GS66516T Datasheet HTML 9Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
GS66516T
Top-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 210727
© 2009-2021 GaN Systems Inc.
1
Submit datasheet feedback
Circuit Symbol
The thermal pad is internally connected to
Source (S pin 3) and substrate
Package Outline
Applications
•
AC-DC Converters
•
DC-DC Converters
•
Bridgeless Totem Pole PFC
•
Inverters
•
Energy Storage Systems
•
On Board Battery Chargers
•
Uninterruptable Power Supplies
•
Solar Energy
•
Industrial Motor Drives
•
Laser Drivers
•
Traction Drive
•
Wireless Power Transfer
Description
The GS66516T is an enhancement mode GaN-on-
silicon power transistor. The properties of GaN
allow for high current, high voltage breakdown and
high switching frequency. GaN Systems innovates
with industry leading advancements such as
patented Island Technology® and GaNPX®
packaging. Island Technology® cell layout realizes
high-current die and high yield. GaNPX® packaging
enables low inductance & low thermal resistance in
a small package. The GS66516T is a top-side cooled
transistor that offers very low junction-to-case
thermal resistance for demanding high power
applications. These features combine to provide
very high efficiency power switching.
Features
•
650 V enhancement mode power transistor
•
Top-side cooled configuration
•
RDS(on) = 25 mΩ
•
IDS(max) = 60 A
•
Ultra-low FOM die
•
Low inductance GaNPX® package
•
Simple drive requirements (0 V to 6 V)
•
Transient tolerant gate drive (-20 / +10 V)
•
Very high switching frequency (> 10 MHz)
•
Fast and controllable fall and rise times
•
Reverse current capability
•
Zero reverse recovery loss
•
Small 9.0 x 7.6 mm2 PCB footprint
•
Dual gate pads for optimal board layout
• RoHS 3 (6+4) compliant


Similar Part No. - GS66516T

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS66516B GAN-GS66516B Datasheet
1Mb / 16P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 211025
More results

Similar Description - GS66516T

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-008-1-L GAN-GS-065-008-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS61008P GAN-GS61008P Datasheet
893Kb / 16P
Bottom-side cooled 100 V E-mode GaN transistor
Rev 200402
GS61008T GAN-GS61008T Datasheet
1Mb / 17P
Top-side cooled 100 V E-mode GaN transistor
Rev 200402
GS66502B GAN-GS66502B Datasheet
949Kb / 14P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66504B GAN-GS66504B Datasheet
975Kb / 14P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66506T GAN-GS66506T Datasheet
1,012Kb / 15P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508B GAN-GS66508B Datasheet
982Kb / 16P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508T GAN-GS66508T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66516B GAN-GS66516B Datasheet
1Mb / 16P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 211025
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com