Electronic Components Datasheet Search
  English  ▼

X  

GS66516T Datasheet(PDF) 6 Page - GaN Systems Inc.

Part # GS66516T
Description  Top-side cooled 650 V E-mode GaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66516T Datasheet(HTML) 6 Page - GaN Systems Inc.

Back Button GS66516T Datasheet HTML 2Page - GaN Systems Inc. GS66516T Datasheet HTML 3Page - GaN Systems Inc. GS66516T Datasheet HTML 4Page - GaN Systems Inc. GS66516T Datasheet HTML 5Page - GaN Systems Inc. GS66516T Datasheet HTML 6Page - GaN Systems Inc. GS66516T Datasheet HTML 7Page - GaN Systems Inc. GS66516T Datasheet HTML 8Page - GaN Systems Inc. GS66516T Datasheet HTML 9Page - GaN Systems Inc. GS66516T Datasheet HTML 10Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
GS66516T
Top-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 210727
© 2009-2021 GaN Systems Inc.
6
Submit datasheet feedback
Electrical Performance Graphs
IDS vs. VDS, TJ dependence
Figure 5: Typical IDS vs. VDS @ VGS = 6 V
Gate Charge, QG Characteristic
Figure 6: Typical VGS vs. QG @ VDS =100, 400 V
Capacitance Characteristics
Figure 7: Typical CISS, COSS, CRSS vs. VDS
Stored Energy Characteristic
Figure 8: Typical COSS Stored Energy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com