Electronic Components Datasheet Search
  English  ▼

X  

EPE6065AS Datasheet(PDF) 34 Page - PCA ELECTRONICS INC.

Part # EPE6065AS
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6065AS Datasheet(HTML) 34 Page - PCA ELECTRONICS INC.

Back Button EPE6065AS Datasheet HTML 30Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 31Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 32Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 33Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 34Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 35Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 36Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 37Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 38Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for Level One’s LX901/7/14 Transceiver Chips
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
• Available in SMD and DIP Packages
• 1500 Vrms Isolation
Schematic
EPE6376S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6376S
Rev. 2
5/6/03
• Cable Side Impedance : 100
Ω •
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 25 MHz
-5
Xmit
30-100 MHz
Xmit/Rcv
-30/-30
@ 30 MHz
-10
Xmit
OCL
(µH Min.)
@ 100 KHz, 0.1 Vrms
110
1-30 MHz
Xmit/Rcv
-40/-40
Crosstalk
(dB Min.)
-40
1-10 MHz
Attenuation
(dB Min.)
@ 40 MHz
-16
Xmit
PCA
EPE6376S
Date Code
.490
(12.45)
.260
(6.60)
.210
(5.33)
.350
(8.89)
.003/.010
(.076/.254)
.050
(1.27)
.370
(9.40)
.018/.022
(.457/.559)
.008/.012
(.203/.305)
.095
(2.41)
0°-8°
.025
(.635)
Suggested
Solder Pad
Layout
.025
(.635)
.150
(3.81)
.425
(10.80)
.070
(1.78)
.050
(1.27)
.150
(3.81)
Cut-Off
Frequency
(MHz Typ.)
-17/-17
Xmit/Rcv
Receive
Transmit
7
LPF
10
11
9
1CT:1.414CT
6
8
2
15
16
14
1CT:1CT
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com