Electronic Components Datasheet Search
  English  ▼

X  

EPE6065AS Datasheet(PDF) 64 Page - PCA ELECTRONICS INC.

Part # EPE6065AS
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6065AS Datasheet(HTML) 64 Page - PCA ELECTRONICS INC.

Back Button EPE6065AS Datasheet HTML 60Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 61Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 62Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 63Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 64Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 65Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 66Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 67Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 68Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Interface Module
for PC Card Applications
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Recommended for use with SSI 78Q2120 chips
• Low profile, fully integrated with two channels
• Guaranteed to operate with 8 mA DC bias at 70°C
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
Schematic
EPF8185SL
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8185SL Rev. Orig
5/8/03
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
Between Channels
-40
10-100
MHz
1-80
MHz
-1/-1
Xmit/Rcv
100
MHz
-1/-1
Xmit/Rcv
5-10
MHz
-40
1-30
MHz
-18/-18
Xmit/Rcv
60
MHz
-12/-12
Xmit/Rcv
100
MHz
-10/-10
Xmit/Rcv
100
MHz
Xmit/Rcv
-25/-25
500
MHz
Xmit/Rcv
-10/-10
1-30
MHz
-30/-30
Xmit/Rcv
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
Cable Side
150
MHz
-3/-3
Xmit/Rcv
.685
(17.40)
.035
(.889)
0°-8°
.008/.013
(.203/.330)
.560
(14.22)
.560
(14.22)
Pin 1
I.D.
.100/.110
(2.54/.279)
1.00
(2.54)
.017/.022
(.432/.559)
.048/.052
(1.22/1.32)
.003/.005
(.076/.127)
.074/.080
(1.88/2.03)
.909
(2.29)
Pad
Layout
.750
(19.05)
.030
(.762)
1.00
(2.54)
200
(5.08)
.395/.405
(10.03/10.29)
1.00
(2.54)
PCA
EPF8185SL
Date Code
.200
(5.08)
Receive Channel
2
4
3
18
10
11
Chip Side
Cable Side
6
8
7
15
13
16
Transmit Channel
Chip Side
Cable Side
17
12
1CT:1:1
1CT:1:1
Channel “A”
Channel “B”
Channel “A”
Channel “B”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com