Electronic Components Datasheet Search
  English  ▼

X  

EPE6065AS Datasheet(PDF) 4 Page - PCA ELECTRONICS INC.

Part # EPE6065AS
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6065AS Datasheet(HTML) 4 Page - PCA ELECTRONICS INC.

  EPE6065AS Datasheet HTML 1Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 2Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 3Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 4Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 5Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 6Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 7Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 8Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 9Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
E L E C T R O N I C S I N C .
Isolation Transformers for
LAN-Ethernet Applications
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for IEEE 802.3 and ECMA Requirements
• Available in Low Profile S.O.I.C. 16 Pin SMD Package
• Hipot : both 2000 Vrms and 500 Vrms available
in compliance with LAN’s Safety Requirements
Schematic
EPA1885-X
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA1885-X
Rev. 1
5/6/03
OCL
(µH ± 20%)
25
30
35
50
75
100
125
150
175
200
Leakage
Inductance
(µH Max.)
0.15
0.15
0.15
0.20
0.20
0.25
0.25
0.25
0.25
0.30
2.0
2.0
2.0
2.0
2.4
2.5
3.0
3.0
3.0
3.5
Et-Constant
(V-µSec. Typ.)
PCA
Part
Number
EPA1885-1
EPA1885-2
EPA1885-3
EPA1885-4
EPA1885-5
EPA1885-6
EPA1885-7
EPA1885-8
EPA1885-9
EPA1885-10
Turns Ratio
(± 5%)
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
5
5
6
7
8
9
10
11
12
13
Interwinding
Capacitance
(pF Max.)
Rise Time
(nS Max.)
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.5
3.5
DCR
(
Ω Max.)
0.15
0.15
0.20
0.20
0.30
0.30
0.30
0.40
0.50
0.50
16
15
2
1
13
12
5
4
10
9
8
7
.050
(1.27)
.018/.022
(.457/.559)
.220
(5.59)
.009/.015
(.229/.381)
.360
(9.14)
0°-8°
.035
(8.89)
.008/.012
(.203/.305)
PCA
EPA1885-X
Date Code
.450
(11.43)
.250
(6.35)
.350
(8.89)
Solder Pad
Layout
.390
(9.65)
.050
(1.27)
.030
(.762)
.055
(1.40)
Pin 1
I.D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com