Electronic Components Datasheet Search
  English  ▼

X  

EPE6065AS Datasheet(PDF) 63 Page - PCA ELECTRONICS INC.

Part # EPE6065AS
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6065AS Datasheet(HTML) 63 Page - PCA ELECTRONICS INC.

Back Button EPE6065AS Datasheet HTML 59Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 60Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 61Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 62Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 63Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 64Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 65Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 66Page - PCA ELECTRONICS INC. EPE6065AS Datasheet HTML 67Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Quad Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Significantly Improved Common Mode Attenuation
• Guaranteed to operate with 8 mA DC Bias at 70°C
• Cable Side Surge, EFT and ESD Protection Included
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
Schematic
EPF8183SP
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8183SP
Rev. 1
6/2/03 JDG
•
Isolation : 1500 Vrms •
Cable Side Impedance : 100
Ω • Common to Differential Rejection : -40 dB Min. (Xmit/Rcv) @ 1-100 MHz •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-38
1-100
MHz
1-80
MHz
-1/-1
Xmit/Rcv
150
MHz
-3/-3
Xmit/Rcv
30
MHz
-18/-18
Xmit/Rcv
30-60
MHz
18-20 lof f/30
Xmit/Rcv
60-80
MHz
-14/-14
Xmit/Rcv
100
MHz
Xmit/Rcv
-25/-25
200
MHz
Xmit/Rcv
-25/-25
30
MHz
-35/-35
Xmit/Rcv
300-500
MHz
Xmit/Rcv
-10/-10
OCL
(µH Min.)
100 KHz, 0.1 Vrms
8 mA DC Bias
350
Cable Side
.050
(1.27)
Solder Pad Layout
PCA
EPF8183SP
Date Code
.480
(12.19)
.670
(17.02)
.050
(1.27)
.030
(.762)
.090
(2.29)
120
21
40
.370
(9.40)
.035
(.889)
.008/.012
(.203/.305)
.600
(15.24)
.010/.015
(.254/.381)
.950
(24.13)
.016/.022
(.406/.559)
1.120
(28.45)
0°-8°
.085
(2.16)
2,10,12,20
1,9,11,19
39,31,29,21
40,32,30,22
CMC
1CT:1CT
5,7,15,17
4,6,14,16
36,34,26,24
37,35,27,25
38,33,28,23
1CT:1CT
CMC
3,8,13,18
Recevie
Channel
Transmit
Channel
Chip Side
Cable Side
EFT/ESD/Surge Protection Circuit
EFT/ESD/Surge Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com