Electronic Components Datasheet Search
  English  ▼

X  

HD404458 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # HD404458
Description  4-bit HMCS400-series microcomputers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404458 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button HD404458 Datasheet HTML 41Page - Renesas Technology Corp HD404458 Datasheet HTML 42Page - Renesas Technology Corp HD404458 Datasheet HTML 43Page - Renesas Technology Corp HD404458 Datasheet HTML 44Page - Renesas Technology Corp HD404458 Datasheet HTML 45Page - Renesas Technology Corp HD404458 Datasheet HTML 46Page - Renesas Technology Corp HD404458 Datasheet HTML 47Page - Renesas Technology Corp HD404458 Datasheet HTML 48Page - Renesas Technology Corp HD404458 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 122 page
background image
HD404459 Series
43
Table 22
Oscillator Circuit Examples
Circuit Configuration
Circuit Constants
External clock
operation
External
oscillator
OSC
Open
1
OSC
2
Ceramic oscillator
(OSC
1, OSC 2)
OSC
2
C1
2
C
OSC
1
Rf
Ceramic
GND
Ceramic oscillator: CSA4.00MG (Murata)
R
f = 1 MΩ ± 20%
C
1 = C2 = 30 pF
Crystal oscillator
(OSC
1, OSC 2)
C1
2
C
Crystal
GND
L
S
C
RS
C0
f
R
OSC1
OSC2
OSC2
OSC1
R
f = 1 MΩ ± 20%
C
1 = C2 = 10–22 pF ± 20%
Crystal: Equivalent to circuit shown below
C
0:
7 pF max.
R
S:
100
Ω max.
Crystal oscillator
(X1, X2)
X1
C1
2
C
X2
Crystal
GND
L
S
C
RS
C0
X1
X2
Crystal: 32.768 kHz: MX38T
(Nippon Denpa Kogyo)
C
1 = C2 = 15 pF ± 5%
R
S:
14 k
Ω
C
0:
1.5 pF
Notes: 1. Since the circuit constants change depending on the crystal or ceramic resonator and stray
capacitance of the board, the user should consult with the crystal or ceramic oscillator
manufacturer to determine the circuit parameters.
2. Wiring among OSC
1, OSC 2, X1, X2, and elements should be as short as possible, and must not
cross other wiring (figure 28).
3. If the 32.768-kHz crystal oscillator is not used, the X1 pin must be fixed to GND and X2 must be
open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com