Electronic Components Datasheet Search
  English  ▼

X  

HD404458 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HD404458
Description  4-bit HMCS400-series microcomputers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404458 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HD404458 Datasheet HTML 15Page - Renesas Technology Corp HD404458 Datasheet HTML 16Page - Renesas Technology Corp HD404458 Datasheet HTML 17Page - Renesas Technology Corp HD404458 Datasheet HTML 18Page - Renesas Technology Corp HD404458 Datasheet HTML 19Page - Renesas Technology Corp HD404458 Datasheet HTML 20Page - Renesas Technology Corp HD404458 Datasheet HTML 21Page - Renesas Technology Corp HD404458 Datasheet HTML 22Page - Renesas Technology Corp HD404458 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 122 page
background image
HD404459 Series
17
Item
Abbr.
Status After
Cancellation of Stop
Mode by
STOPC Input
Status After
Cancellation of Stop
Mode by MCU Reset
Status After all Other
Types of Reset
Carry flag
(CA)
Pre-stop-mode values are not guaranteed;
values must be initialized by program
Pre-MCU-reset values
are not guaranteed;
values must be
initialized by program
Accumulator
(A)
B register
(B)
W register
(W)
X/SPX register
(X/SPX)
Y/SPY register
(Y/SPY)
Serial data register
(SRL, SRU)
RAM
Pre-stop-mode values are retained
RAM enable flag
(RAME)
1
0
0
Port mode register
C bit 2
(PMRC)
Pre-stop-mode values
are retained
00
System clock select
register1 bit 3
(SSR13)
Table 2
Vector Addresses and Interrupt Priorities
Reset/Interrupt
Priority
Vector Address
RESET,
STOPC*
—
$0000
INT
0
1
$0002
INT
1
2
$0004
Timer D
3
$0006
Timer A, INT
2
4
$0008
Timer B, INT
3
5
$000A
Timer C, Serial
6
$000C
Wakeup
7
$000E
Note:
* The
STOPC interrupt request is valid only in stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com