Electronic Components Datasheet Search
  English  ▼

X  

UPC337 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC337
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC337 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC337 Datasheet HTML 1Page - Renesas Technology Corp UPC337 Datasheet HTML 2Page - Renesas Technology Corp UPC337 Datasheet HTML 3Page - Renesas Technology Corp UPC337 Datasheet HTML 4Page - Renesas Technology Corp UPC337 Datasheet HTML 5Page - Renesas Technology Corp UPC337 Datasheet HTML 6Page - Renesas Technology Corp UPC337 Datasheet HTML 7Page - Renesas Technology Corp UPC337 Datasheet HTML 8Page - Renesas Technology Corp UPC337 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
1986
BIPOLAR ANALOG INTEGRATED CIRCUIT
μPC337
3-TERMINAL NEGATIVE ADJUSTABLE REGULATOR
DATA SHEET
Document No. G13783EJ3V0DS00 (3rd edition)
Date Published November 2006 NS CP(N)
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The
μPC337 is an adjustable 3-terminal negative voltage regulator,
which has 1.5 A for the output current. The output voltage
can be set any value between
−1.3 V and −30 V by two external resistors.
FEATURES
•
Output current is up to 1.5 A
•
On-chip some protection circuit (over current protection, SOA prote-
ction and thermal shut down).
ORDERING INFORMATION
Note Pb-free (This product does not contain Pb in external electrode.)
EQUIVALENT CIRCUIT
Q1
Q2
R41
R36
R2
R3
R8
R5
R37
R39
R28
R29
R40
R34
R33
R35
R11
R10
R38
R27
R32
R31
R30
R26
R25
R7
R6
R9
R24
R23
R22
R13
R14
R16
R17
R15
R18
R20
R19
R21
C3
C1
C2
C4
C5
R4
R1
R42
Q3
Q4
Q8
Q5
Q23
Q7
Q28
Q6
D2
D3
D6
D5
D4
D1
Q29
ADJ
OUTPUT
INPUT
Q30
Q25
Q27
Q26
Q31
Q24
Q9
Q13
Q12
Q14
Q15
Q16 Q17
Q18
Q20
Q21
Q19
Q22
Q11
Q10
D7
Part Number
Package
Output Voltage
Marking
Package Type
μPC337HF
3PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−1.3 V to −30 V
C337
Packed in envelope
μPC337HF-AZ
Note
3PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−1.3 V to −30 V
C337
Packed in envelope
PIN CONFIGURATION (Marking Side)
μPC337HF, μPC337HF-AZ
123
1 : ADJ
2 : INPUT
3 : OUTPUT
<R>



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com