Electronic Components Datasheet Search
  English  ▼

X  

UPC337 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC337
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC337 Datasheet(HTML) 8 Page - Renesas Technology Corp

  UPC337 Datasheet HTML 1Page - Renesas Technology Corp UPC337 Datasheet HTML 2Page - Renesas Technology Corp UPC337 Datasheet HTML 3Page - Renesas Technology Corp UPC337 Datasheet HTML 4Page - Renesas Technology Corp UPC337 Datasheet HTML 5Page - Renesas Technology Corp UPC337 Datasheet HTML 6Page - Renesas Technology Corp UPC337 Datasheet HTML 7Page - Renesas Technology Corp UPC337 Datasheet HTML 8Page - Renesas Technology Corp UPC337 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Data Sheet G13783EJ3V0DS
6
μ PC337
RECOMMENDED SOLDERING CONDITIONS
The
μPC337 should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Through-hole devices
μPC337HF: 3PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
Process
Conditions
Recommend
Wave soldering
(only to leads)
Solder temperature: 260
°C or below,
Flow time: 10 seconds or less.
WS60-00-1
Partial heating method
Pin temperature: 350
°C or below,
Heat time: 3 seconds or less (Per each pin).
P350
μPC337HF-AZ: 3PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
Note
Process
Conditions
Recommend
Wave soldering
(only to leads)
Solder temperature: 260
°C or below,
Flow time: 10 seconds or less.
WS60-00-1
Partial heating method
Pin temperature: 350
°C or below,
Heat time: 3 seconds or less (Per each pin).
P350
Note Pb-free (This product does not contain Pb in external electrode.)
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure
that the package body does not get jet soldered.
REFERENCE DOCUMENTS
Document Name
Document No.
Usage of Three-Terminal Regulators User’s Manual
G12702E
Semiconductor Device Mount Manual
http://www.necel.com/pkg/en/mount/index.html
Review of Quality and Reliability Handbook Information
C12769E
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com