Electronic Components Datasheet Search
  English  ▼

X  

UPC337 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC337
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC337 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC337 Datasheet HTML 1Page - Renesas Technology Corp UPC337 Datasheet HTML 2Page - Renesas Technology Corp UPC337 Datasheet HTML 3Page - Renesas Technology Corp UPC337 Datasheet HTML 4Page - Renesas Technology Corp UPC337 Datasheet HTML 5Page - Renesas Technology Corp UPC337 Datasheet HTML 6Page - Renesas Technology Corp UPC337 Datasheet HTML 7Page - Renesas Technology Corp UPC337 Datasheet HTML 8Page - Renesas Technology Corp UPC337 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet G13783EJ3V0DS
3
μ PC337
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input-Output Voltage Differential
VIN – VO
−3
−5
−38.7
V
Input Voltage
VIN
−4.3
−40
V
Output Voltage
VO
−1.3
−30
V
Output Current
IO
0.01
1.5
A
Operating Junction Temperature
TJ
−20
+125
°C
ELECTRICAL CHARACTERISTICS
(VIN
− VO = −5 V, IO = 0.5 A, 0°C ≤ TJ ≤ +125°C, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
TJ = 25
°C, 3 V ≤ |VIN – VO| ≤ 40 V
0.005
0.04
%/V
Line Regulation
REGIN
3 V
≤ |VIN – VO| ≤ 40 V
0.01
0.07
%/V
| VO |
≤ 5 V
30
50
mV
TJ = 25
°C,
10 mA
≤ lO ≤ 1.5 A
| VO |
≥ 5 V
0.6
1.0
%
| VO |
≤ 5 V
45
70
mV
Load Regulation
REGL
10 mA
≤ lO ≤ 1.5 A
| VO |
≥ 5 V
0.9
1.5
%
Thermal Regulation
REGTH
TJ = 25
°C, | VIN − VO | = 40 V, VO = −10 V,
0 A
≤ IO ≤ 0.25 A, t = 10 ms
Note
0.005
0.04
%/W
ADJ pin Output Current
IADJ
60
100
μA
IADJ Change
ΔIADJ
TJ = 25
°C, 3 V ≤ |VIN – VO| ≤ 40 V,
10 mA
≤ IO ≤ 1.5 A, PT ≤ 15 W
2
5
μA
Reference Voltage
VREF
3 V
≤ |VIN – VO| ≤ 40 V,
10 mA
≤ IO ≤ 1.5 A, PT ≤ 15 W
−1.20
−1.25
−1.30
V
Temperature Stability of VREF
ΔVREF/ΔT
IO = 5 mA
−0.6
%
Minimum Load Current
IOMIN.
| VIN
− VO | = 40 V
2.1
10
mA
3 V
≤ | VIN − VO | ≤ 15 V
1.5
2.3
2.9
A
Peak Output Current
IOpeak
TJ = 25
°C, | VIN − VO | = 40 V
0.15
0.8
A
Output Noise Voltage (RMS)
Vn
TJ = 25
°C, 10 Hz ≤ f ≤ 10 kHz
0.002
%
CADJ = 0
μF
60
dB
Ripple Rejection
R
• R
TJ = 25
°C, ΔVIN = 1 Vr.m.s.
f = 120 Hz, VO =
−10 V
CADJ = 10
μF
66
75
dB
Note Pulse testing Duty Cycle
≤ 2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com