Electronic Components Datasheet Search
  English  ▼

X  

UPC337 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC337
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC337 Datasheet(HTML) 6 Page - Renesas Technology Corp

  UPC337 Datasheet HTML 1Page - Renesas Technology Corp UPC337 Datasheet HTML 2Page - Renesas Technology Corp UPC337 Datasheet HTML 3Page - Renesas Technology Corp UPC337 Datasheet HTML 4Page - Renesas Technology Corp UPC337 Datasheet HTML 5Page - Renesas Technology Corp UPC337 Datasheet HTML 6Page - Renesas Technology Corp UPC337 Datasheet HTML 7Page - Renesas Technology Corp UPC337 Datasheet HTML 8Page - Renesas Technology Corp UPC337 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet G13783EJ3V0DS
4
μ PC337
TYPICAL CHARACTERISTICS (TJ = 25
°C, unless otherwise specified.)
REGL vs TJ
TJ - Operating Junction Temperature -
°C
VIN =
−10 V
VO =
−5 V
−25
0
25
50
75
100
125
TJ =
−20°C
+25
°C
+125
°C
VIN
−VO = −5 V
IO = 10 mA
CADJ = 10 F
VIN =
−15 V
VO =
−10 V
IO = 0.5 A
CIN = 1 F
CO = 4.7 F
0 F
TJ =
−20°C
+125
°C
+25
°C
TA - Operating Ambient Temperature -
°C
IOpeak vs (VIN – VO)VREF vs TJ
(VIN – VO) - Input-Output Voltage Differential - V
f - Frequency - Hz
(VIN – VO) - Input-Output Voltage Differential - V
R . R vs fIOMIN. vs (VIN – VO)
TJ - Operating Junction Temperature -
°C
PT vs TA
25
50
75
100
125
25
20
15
10
−1.27
5
0
With 10
°C/W heatsink
No heatsink
Infinite heatsink
−10
10
−10
−20
−30
−40
100
1 k
10 k
100 k
−25
0
25
50
75
100
125
−20
−30
−40
2.0
1.5
1.0
0.5
0
−1.26
−1.25
−1.24
−1.23
0
1.0
2.0
3.0
0
1
2
3
4
90
80
70
60
50
40
30
20
10
μ
μ
μ
μ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com