Electronic Components Datasheet Search
  English  ▼

X  

LTC4100EG Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4100EG
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100EG Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4100EG Datasheet HTML 7Page - Linear Technology LTC4100EG Datasheet HTML 8Page - Linear Technology LTC4100EG Datasheet HTML 9Page - Linear Technology LTC4100EG Datasheet HTML 10Page - Linear Technology LTC4100EG Datasheet HTML 11Page - Linear Technology LTC4100EG Datasheet HTML 12Page - Linear Technology LTC4100EG Datasheet HTML 13Page - Linear Technology LTC4100EG Datasheet HTML 14Page - Linear Technology LTC4100EG Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC4100
11
sn4100 4100is
OPERATIO
The ENABLE_POLLING bit is not supported by the LTC4100.
Values written to this bit are ignored.
The POR_RESET bit sets the LTC4100 to its power-on
default condition.
The RESET_TO_ZERO bit sets the ChargingCurrent()and
ChargingVoltage() values to zero. This function ALWAYS
clears the ChargingVoltage() and ChargingCurrent() val-
ues to zero even if the INHIBIT_CHARGE bit is set.
ChargerStatus() ('h13)
Description: The SMBus Host uses this command to read
the LTC4100’s status bits.
Purpose: Allows the SMBus Host to determine the status
and level of the LTC4100.
• SMBus Protocol: Read Word.
Output: The CHARGE_INHIBITED bit reflects the status of
the LTC4100 set by the INHIBIT_CHARGE bit in the
ChargerMode() function.
The POLLING_ENABLED, VOLTAGE_NOTREG, and
CURRENT_NOTREG are not supported by the LTC4100.
The LTC4100 always reports itself as a Level 2 Smart
Battery Charger.
CURRENT_OR bit is set only when ChargingCurrent() is
set to a value outside the current regulation range of the
LTC4100. This bit may be used in conjunction with the
INHIBIT_CHARGE bit of the ChargerMode() and
ChargingCurrent() to determine the current capability of
the LTC4100. When ChargingCurrent() is set to the pro-
grammatic maximum current + 1, the CURRENT_OR bit
will be set.
VOLTAGE_OR bit is set only when ChargingVoltage() is
set to a value outside the voltage regulation range of the
LTC4100. This bit may be used in conjunction with the
INHIBIT_CHARGE bit of the ChargerMode() and
ChargingVoltage() to determine the voltage capability of
the LTC4100. When ChargingVoltage() is set to the
programmatic maximum voltage, the VOLTAGE_OR bit
will be set.
The RES_OR bit is set only when the SafetySignal resis-
tance value is greater than 95k
Ω. This indicates that the
SafetySignal is to be considered as an open circuit.
The RES_COLD bit is set only when the SafetySignal
resistance value is greater than 28.5k
Ω. The SafetySignal
indicates a cold battery. The RES_COLD bit will be set
whenever the RES_OR bit is set.
The RES_HOT bit is set only when the SafetySignal resis-
tance is less than 3150
Ω, which indicates a hot battery.
The RES_HOT bit will be set whenever the RES_UR bit is
set.
The RES_UR bit is set only when the SafetySignal resis-
tance value is less than 575
Ω.
ALARM_INHIBITED bit is set if a valid AlarmWarning()
message has been received and charging is inhibited as a
result. This bit is cleared if both ChargingVoltage() and
ChargingCurrent() are re-written to the LTC4100, power is
removed (DCDIV < VACP), or if a battery is removed. The
setting of the ALARM_INHIBITED will activate the LTC4100
SMBALERT pull-down.
POWER_FAIL bit is set if the LTC4100 does not have
sufficient DCIN voltage to charge the battery or if an
external device is pulling the CHGEN input signal low.
Charging is disabled whenever this bit is set. The setting
of this bit does not clear the values in the ChargingVoltage()
and ChargingCurrent() function values, nor does it neces-
sarily affect the charging modes of the LTC4100.
BATTERY_PRESENT is set if a battery is present otherwise
it is cleared. The LTC4100 uses the SafetySignal
in order to determine battery presence. If the LTC4100
detects a RES_OR condition, the BATTERY_PRESENT bit
is cleared immediately. The LTC4100 will not set the
BATTERY_PRESENT bit until it successfully samples the
SafetySignal twice and does not detect a RES_OR condi-
tion on either sampling. If AC is not present (e.g. DCDIV <
VACP), this bit may not be set for up to one-half second
after the battery is connected to the SafetySignal. The
ChargingCurrent() and ChargingVoltage() function values
are immediately cleared whenever this bit is cleared.
Charging will never be allowed if this bit is cleared. A
change in BATTERY_PRESENT will activate the LTC4100
SMBALERT pull-down.
AC_PRESENT is set if the voltage on DCDIV is greater than
VACP. This does not necessarily indicate that the voltage on
DCIN is sufficient to charge the battery. A change in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com