Electronic Components Datasheet Search
  English  ▼

X  

LTC4100EG Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4100EG
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100EG Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4100EG Datasheet HTML 15Page - Linear Technology LTC4100EG Datasheet HTML 16Page - Linear Technology LTC4100EG Datasheet HTML 17Page - Linear Technology LTC4100EG Datasheet HTML 18Page - Linear Technology LTC4100EG Datasheet HTML 19Page - Linear Technology LTC4100EG Datasheet HTML 20Page - Linear Technology LTC4100EG Datasheet HTML 21Page - Linear Technology LTC4100EG Datasheet HTML 22Page - Linear Technology LTC4100EG Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC4100
19
sn4100 4100is
APPLICATIO S I FOR ATIO
Table 10 Recommended Inductor Values
Maxaimum
Input
Minimum Inductor
Average Current (A)
Voltage (V)
Value (
µH)
1
≤20
40
± 20%
1
>20
56
± 20%
2
≤20
20
± 20%
2
>20
30
± 20%
3
≤20
15
± 20%
3
>20
20
± 20%
4
≤20
10
± 20%
4
>20
15
± 20%
Calculating IC Power Dissipation
The power dissipation of the LTC4100 is dependent upon
the gate charge of the top and bottom MOSFETs (Q2 & Q3
respectively) The gate charge (QG) is determined from the
manufacturer’s data sheet and is dependent upon both the
gate voltage swing and the drain voltage swing of the
MOSFET. Use 6V for the gate voltage swing and VDCIN for
the drain voltage swing.
PD = VDCIN • (fOSC (QGQ2 + QGQ3) + IDCIN)
Example: VDCIN = 19V, fOSC = 345kHz, QGQ2 = 25nC,
QGQ3 = 15nC, IDCIN = 3mA.
PD = 320mW
Soft Start and Undervoltage Lockout
The LTC4100 is soft started by the 0.12
µF capacitor on the
ITH pin. On start-up, ITH pin voltage will rise quickly to 0.5V,
then ramp up at a rate set by the internal 30
µA pull-up
current and the external capacitor. Battery charging
current starts ramping up when ITH voltage reaches 0.8V
and full current is achieved with ITH at 2V. With a 0.12µF
capacitor, time to reach full charge current is about 2ms
and it is assumed that input voltage to the charger will
reach full value in less than 2ms. The capacitor can be
increased up to 1
µF if longer input start-up times are
needed.
Table 9. Recommended Resistor Values
IMAX (A)
RSENSE (Ω) 1%
RSENSE (W)
RILIM (Ω) 1%
1.023
0.100
0.25
0
2.046
0.05
0.25
10k
3.068
0.025
0.5
33k
4.092
0.025
0.5
Open
Warning
DO NOT CHANGE THE VALUE OF RILIM DURING OPERA-
TION. The value must remain fixed and track the RSENSE
value at all times. Changing the current setting can result
in currents that greatly exceed the requested value and
potentially damage the battery or overload the wall adapter
if no input current limiting is provided.
Inductor Selection
Higher operating frequencies allow the use of smaller
inductor and capacitor values. A higher frequency gener-
ally results in lower efficiency because of MOSFET gate
charge losses. In addition, the effect of inductor value on
ripple current and low current operation must also be
considered. The inductor ripple current
∆IL decreases
with higher frequency and increases with higher VIN.
∆I
fL
V
V
V
L
OUT
OUT
IN
= ()( )
−


1
1
Accepting larger values of
∆IL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
∆IL = 0.4(IMAX). Remember the
maximum
∆IL occurs at the maximum input voltage. The
inductor value also has an effect on low current operation.
The transition to low current operation begins when the
inductor current reaches zero while the bottom MOSFET is
on. Lower inductor values (higher
∆IL) will cause this to
occur at higher load currents, which can cause a dip in
efficiency in the upper range of low current operation. In
practice 10
µH is the lowest value recommended for use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com