Electronic Components Datasheet Search
  English  ▼

X  

LTC4100EG Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4100EG
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100EG Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4100EG Datasheet HTML 8Page - Linear Technology LTC4100EG Datasheet HTML 9Page - Linear Technology LTC4100EG Datasheet HTML 10Page - Linear Technology LTC4100EG Datasheet HTML 11Page - Linear Technology LTC4100EG Datasheet HTML 12Page - Linear Technology LTC4100EG Datasheet HTML 13Page - Linear Technology LTC4100EG Datasheet HTML 14Page - Linear Technology LTC4100EG Datasheet HTML 15Page - Linear Technology LTC4100EG Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC4100
12
sn4100 4100is
OPERATIO
AC_PRESENT will activate the LTC4100 SMBALERT pull-
down.
ChargingCurrent() ('h14)
Description: The Battery, System Host or other master
device sends the desired charging current (mA) to the
LTC4100 .
Purpose: The LTC4100 uses RILIM, the granularity of the
IDAC, and the value of the ChargingCurrent() function to
determine its charging current supplied to the battery. The
charging current will never exceed the maximum current
permitted by RILIM. The ChargingCurrent() value will be
truncated to the granularity of the IDAC. The charging
current will also be reduced if the battery voltage exceeds
the programmed charging voltage.
• SMBus Protocol: Write Word.
Input: The CHARGING_CURRENT is an unsigned 16 bit
integer specifying the requested charging current in mA.
The following table defines the maximum permissible
value of CHARGING_CURRENT that will not set the
CURRENT_OR in the ChargerStatus() function for a given
value of the RILIM:
RILIM
ChargingCurrent()
Current
Short to GND
0x0000 through 0x03FF 0mA through 1023mA
10k
Ω ±1%
0x0000 through 0x07FF 0mA through 2047mA
33k
Ω ±1%
0x0000 through 0x0BFF 0mA through 3071mA
Open (or short to VDD) 0x0000 through 0x0FFF 0mA through 4095mA
ChargingVoltage() ('h15)
Description: The Battery, SMBus Host or other master
device sends the desired charging voltage (mV) to the
LTC4100.
Purpose: The LTC4100 uses RVLIM, the granularity of the
VDAC, and the value of the ChargingVoltage() function to
determine its charging voltage supplied to the battery. The
charging voltage will never be forced beyond the voltage
permitted by RVLIM. The ChargingVoltage() value will be
truncated to the granularity of the VDAC. The charging
voltage will also be reduced if the battery current exceeds
the programmed charging current.
• SMBus Protocol: Write Word.
Input: The CHARGING_VOLTAGE is an unsigned 16-bit
integer specifying the requested charging voltage in mV.
The LTC4100 considers any value from 0x0001 through
0x049F the same as writing 0x0000. The following
table defines the maximum permissible value of
CHARGING_VOLTAGE that will not set the VOLTAGE_OR
in the ChargerStatus() function for a given value of RVLIM:
RVLIM
Maximum ChargingVoltage()
Short to GND
0x225F (8796mV)
10k
Ω ±1%
0x332F (13100mV)
33k
Ω ±1%
0x43FF (17404mV)
100k
Ω ±1%
0x54CF (21708mV)
Open (or short to VDD)
0x6D5F (27999mV)
AlarmWarning() ('h16)
Description: The Smart Battery, acting as a bus master
device, sends the AlarmWarning() message to the LTC4100
to notify it that one or more alarm conditions exist. Alarm
indications are encoded as bit fields in the Battery’s Status
register, which is then sent to the LTC4100 by this func-
tion.
Purpose: The LTC4100 will use the information sent by
this function to properly charge the battery. The LTC4100
will only respond to certain alarm bits. Writing to this
function does not necessarily cause an alarm condition
that inhibits battery charging.
• SMBus Protocol: Write Word.
Input: Only the OVER_CHARGED_ALARM, TERMINATE
_CHARGE_ALARM,reserved (0x2000), and OVER
_TEMP_ALARM bits are supported by the LTC4100.
Writing a one to any of these specified bits will inhibit
the charging by the LTC4100 and will set the
ALARM_INHIBITED bit in the ChargerStatus() function. The
TERMINATE_DISCHARGE_ALARM, REMAINING_
CAPACITY_ALARM, REMAINING_TIME_ALARM, and the
ERROR bits are ignored by the LTC4100.
LTC0() ('h3C)
Description: The SMBus Host uses this command to
determine the version number of the LTC4100 and set
extended operation modes not defined by the Smart
Battery Charger Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com