Electronic Components Datasheet Search
  English  ▼

X  

LTC4100EG Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4100EG
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100EG Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4100EG Datasheet HTML 16Page - Linear Technology LTC4100EG Datasheet HTML 17Page - Linear Technology LTC4100EG Datasheet HTML 18Page - Linear Technology LTC4100EG Datasheet HTML 19Page - Linear Technology LTC4100EG Datasheet HTML 20Page - Linear Technology LTC4100EG Datasheet HTML 21Page - Linear Technology LTC4100EG Datasheet HTML 22Page - Linear Technology LTC4100EG Datasheet HTML 23Page - Linear Technology LTC4100EG Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC4100
24
sn4100 4100is
PART NUMBER
DESCRIPTION
COMMENTS
LTC1760
Smart Battery System Manager
Autonomous Power Management and Battery Charging for Two Smart
Batteries, SMBus Rev 1.1 Compliant.
LTC1960
Dual Battery Charger/Selector with SPI Interface
Simultaneous Charge or Discharge of 2 Batteries; DAC Programmable
Current and Voltage; Input Current Limiting Maximizes Charge Current
LTC1980
Combination Battery Charger and DC/DC Converter
Input Supply Maybe Above or Below Battery Voltage, Up to 8.4V Float Voltage,
24-Pin SSOP Package
LTC4006
Small, High Efficiency, Fixed Voltage,
Constant Current/ Constant Voltage Switching Regulator with Termination
Lithium-ion Battery Charger
Timer; AC Adapter Current Limit and SafetySignal Sensor
in a Small 16pin Package
LTC4007
High Efficiency, Programmable Voltage
Complete Charger for 3- or 4-Cell Li-Ion batteries, AC Adapter
Battery Charger with Termination.
Current Limit, SafetySignal Sensor and Indicator Outputs.
LTC4008
High Efficiency, Programmable Voltage/Current
Constant Current/Constant Voltage Switching Regulator; Resistor Voltage/
Battery Charger
Current Programming, AC Adapter Current Limit and SafetySignal Sensor
LTC4412
Low Loss PowerPath Controller
Very Low Loss Replacement for Power Supply OR’ing Diodes using
Minimal External Components
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0703 1K • PRINTED IN USA
RELATED PARTS
DCIN
DCDIV
IDC
GND
VDD
VLIM
ILIM
ACP
CHGEN
SMBALERT
SDA
SCL
INFET
TGATE
BGATE
PGND
CSP
VSET
THA
THB
CLN
CLP
5
11
20
12
17
14
13
10
6
7
9
8
1
3
2
21
18
16
15
C4
0.01
µF
25V
C5
0.1
µF
10V
0.1
µF
10V
C9
0.1
µF
10V
R4
100
Ω
10k
RTHB
54.9k
1%
RTHA
1.13k
1%
RSNS
0.025
Ω
0.5W, 1%
RCL
0.033
Ω
0.5W
1%
C4,C5
10
µF × 2
25V
C2, C3
10
µF × 2
25V
LTC4100
Q3
Q1
Q2
R11
1.21k
1%
R5
6.04k
1%
C6, 0.12
µF
10V, X7R
C8, 0.082
µF
10V, X7R
C7, 0.0015
µF
10V, X7R
R10
13.7k
1%
C1
0.1
µF
15V TO 20V
DCIN
FROM WALL
ADAPTER
R1
4.9k
L1
10
µH
4A
424
23
D1
D1: MBRM140T3
D2-D5: SMALL SIGNAL SCHOTTKY
Q1: 1/2 Si4825
Q2: Si4431ADY
Q3: Si3456DY
4100 TA02
R6, RVLIM 33k
SDA
SCL
10k
10k
3V TO 5.5V
SafetySignal
D2
D3
D4
D5
SMART
BATTERY
22
BAT
19
ITH
LTC4100 Li-Ion Battery Charger ILIM = 4A/VLIM = 17.4V, Adapter Rating = 2.7A
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com